Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 13 Page - Texas Instruments

Part # CC1310
Description  CC1310 SimpleLink™ Ultra-Low-Power Sub-1 GHz Wireless MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1310 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 9Page - Texas Instruments CC1310 Datasheet HTML 10Page - Texas Instruments CC1310 Datasheet HTML 11Page - Texas Instruments CC1310 Datasheet HTML 12Page - Texas Instruments CC1310 Datasheet HTML 13Page - Texas Instruments CC1310 Datasheet HTML 14Page - Texas Instruments CC1310 Datasheet HTML 15Page - Texas Instruments CC1310 Datasheet HTML 16Page - Texas Instruments CC1310 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
13
CC1310
www.ti.com
SWRS181D – SEPTEMBER 2015 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: CC1310
Terminal Configuration and Functions
Copyright © 2015–2018, Texas Instruments Incorporated
(1)
See technical reference manual listed in Section 8.3 for more details.
(2)
Do not supply external circuitry from this pin.
(3)
For design consideration regrading noise immunity for this pin, see the JTAG Interface chapter in the CC13x0, CC26x0 SimpleLink™
Wireless MCU Technical Reference Manual.
4.6
Signal Descriptions – RGZ Package
Table 4-3. Signal Descriptions – RGZ Package
PIN
TYPE
DESCRIPTION
NAME
NO.
DCDC_SW
33
Power
Output from internal DC/DC(1)(2)
DCOUPL
23
Power
1.27-V regulated digital-supply (decoupling capacitor)(2)
DIO_1
6
Digital I/O
GPIO, Sensor Controller
DIO_2
7
Digital I/O
GPIO, Sensor Controller
DIO_3
8
Digital I/O
GPIO, Sensor Controller
DIO_4
9
Digital I/O
GPIO, Sensor Controller
DIO_5
10
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_6
11
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_7
12
Digital I/O
GPIO, Sensor Controller, high-drive capability
DIO_8
14
Digital I/O
GPIO
DIO_9
15
Digital I/O
GPIO
DIO_10
16
Digital I/O
GPIO
DIO_11
17
Digital I/O
GPIO
DIO_12
18
Digital I/O
GPIO
DIO_13
19
Digital I/O
GPIO
DIO_14
20
Digital I/O
GPIO
DIO_15
21
Digital I/O
GPIO
DIO_16
26
Digital I/O
GPIO, JTAG_TDO, high-drive capability
DIO_17
27
Digital I/O
GPIO, JTAG_TDI, high-drive capability
DIO_18
28
Digital I/O
GPIO
DIO_19
29
Digital I/O
GPIO
DIO_20
30
Digital I/O
GPIO
DIO_21
31
Digital I/O
GPIO
DIO_22
32
Digital I/O
GPIO
DIO_23
36
Digital or analog I/O
GPIO, Sensor Controller, analog
DIO_24
37
Digital or analog I/O
GPIO, Sensor Controller, analog
DIO_25
38
Digital or analog I/O
GPIO, Sensor Controller, analog
DIO_26
39
Digital or analog I/O
GPIO, Sensor Controller, analog
DIO_27
40
Digital or analog I/O
GPIO, Sensor Controller, analog
DIO_28
41
Digital or analog I/O
GPIO, Sensor Controller, analog
DIO_29
42
Digital or analog I/O
GPIO, Sensor Controller, analog
DIO_30
43
Digital or analog I/O
GPIO, Sensor Controller, analog
EGP
–
Power
Ground; exposed ground pad
JTAG_TMSC
24
Digital I/O
JTAG TMSC, high-drive capability
JTAG_TCKC
25
Digital I/O
JTAG TCKC(3)
RESET_N
35
Digital input
Reset, active-low. No internal pullup.
RF_N
2
RF I/O
Negative RF input signal to LNA during RX
Negative RF output signal from PA during TX
RF_P
1
RF I/O
Positive RF input signal to LNA during RX
Positive RF output signal from PA during TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com