Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 67 Page - Texas Instruments

Part # CC1310
Description  CC1310 SimpleLink™ Ultra-Low-Power Sub-1 GHz Wireless MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1310 Datasheet(HTML) 67 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 63Page - Texas Instruments CC1310 Datasheet HTML 64Page - Texas Instruments CC1310 Datasheet HTML 65Page - Texas Instruments CC1310 Datasheet HTML 66Page - Texas Instruments CC1310 Datasheet HTML 67Page - Texas Instruments CC1310 Datasheet HTML 68Page - Texas Instruments CC1310 Datasheet HTML 69Page - Texas Instruments CC1310 Datasheet HTML 70Page - Texas Instruments CC1310 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
EXAMPLE STENCIL DESIGN
4219044/D 02/2022
www.ti.com
VQFN - 1 mm max height
RGZ0048A
PLASTIC QUADFLAT PACK- NO LEAD
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD
67% PRINTED COVERAGE BY AREA
SCALE: 15X
SYMM
SYMM
( 1.06)
2X (6.8)
2X
(6.8)
48X (0.6)
48X (0.24)
44X (0.5)
2X (5.5)
2X
(5.5)
(R0.05)
TYP
2X
(0.63)
2X (0.63)
2X
(1.26)
2X
(1.26)
1
12
13
24
25
36
37
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com