Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 39 Page - Texas Instruments

Part # CC1310
Description  CC1310 SimpleLink™ Ultra-Low-Power Sub-1 GHz Wireless MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1310 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 35Page - Texas Instruments CC1310 Datasheet HTML 36Page - Texas Instruments CC1310 Datasheet HTML 37Page - Texas Instruments CC1310 Datasheet HTML 38Page - Texas Instruments CC1310 Datasheet HTML 39Page - Texas Instruments CC1310 Datasheet HTML 40Page - Texas Instruments CC1310 Datasheet HTML 41Page - Texas Instruments CC1310 Datasheet HTML 42Page - Texas Instruments CC1310 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
39
CC1310
www.ti.com
SWRS181D – SEPTEMBER 2015 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: CC1310
Detailed Description
Copyright © 2015–2018, Texas Instruments Incorporated
6.3
RF Core
The RF core is a highly flexible and capable radio system that interfaces the analog RF and baseband
circuits, handles data to and from the system side, and assembles the information bits in a given packet
structure.
The RF core can autonomously handle the time-critical aspects of the radio protocols, thus offloading the
main CPU and leaving more resources for the user application. The RF core offers a high-level,
command-based API to the main CPU.
The RF core supports a wide range of modulation formats, frequency bands, and accelerator features,
which include the following:
•
Wide range of data rates:
–
From 625 bps (offering long range and high robustness) to as high as 4 Mbps
•
Wide range of modulation formats:
–
Multilevel (G) FSK and MSK
–
On-Off Keying (OOK) with optimized shaping to minimize adjacent channel leakage
–
Coding-gain support for long range
•
Dedicated packet handling accelerators:
–
Forward error correction
–
Data whitening
–
802.15.4g mode-switch support
–
Automatic CRC
•
Automatic listen-before-talk (LBT) and clear channel assist (CCA)
•
Digital RSSI
•
Highly configurable channel filtering, supporting channel spacing schemes from 40 kHz to 4 MHz
•
High degree of flexibility, offering a future-proof solution
The RF core interfaces a highly flexible radio, with a high-performance synthesizer that can support a wide
range of frequency bands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com