Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC1310
Description  CC1310 SimpleLink™ Ultra-Low-Power Sub-1 GHz Wireless MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1310 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 8Page - Texas Instruments CC1310 Datasheet HTML 9Page - Texas Instruments CC1310 Datasheet HTML 10Page - Texas Instruments CC1310 Datasheet HTML 11Page - Texas Instruments CC1310 Datasheet HTML 12Page - Texas Instruments CC1310 Datasheet HTML 13Page - Texas Instruments CC1310 Datasheet HTML 14Page - Texas Instruments CC1310 Datasheet HTML 15Page - Texas Instruments CC1310 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
40
39
DIO_24
38
37
21
22
23
24
41
42
43
44
20 DIO_14
19 DIO_13
18
17
VDDR 45
46
47
VDDR_RF 48
16
15
14
13
DIO_25
DIO_11
DIO_12
VDDS2
DIO_10
DIO_9
X24M_N
X24M_P
DIO_8
DIO_27
VDDS3
DCOUPL
JTAG_TMSC
DIO_28
DIO_26
VDDS
DIO_29
DIO_15
DIO_30
12
CC1310
SWRS181D – SEPTEMBER 2015 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC1310
Terminal Configuration and Functions
Copyright © 2015–2018, Texas Instruments Incorporated
4.5
Pin Diagram – RGZ Package
Figure 4-3 shows the RGZ pinout diagram.
Figure 4-3. RGZ (7-mm × 7-mm) Pinout, 0.5-mm Pitch
Top View
I/O pins marked in Figure 4-3 in bold have high-drive capabilities; they are as follows:
•
Pin 10, DIO_5
•
Pin 11, DIO_6
•
Pin 12, DIO_7
•
Pin 24, JTAG_TMSC
•
Pin 26, DIO_16
•
Pin 27, DIO_17
I/O pins marked in Figure 4-3 in italics have analog capabilities; they are as follows:
•
Pin 36, DIO_23
•
Pin 37, DIO_24
•
Pin 38, DIO_25
•
Pin 39, DIO_26
•
Pin 40, DIO_27
•
Pin 41, DIO_28
•
Pin 42, DIO_29
•
Pin 43, DIO_30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com