Electronic Components Datasheet Search
  English  ▼

X  

CD74AC74 Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74AC74
Description  CDx4AC74 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC74 Datasheet(HTML) 3 Page - Texas Instruments

  CD74AC74 Datasheet HTML 1Page - Texas Instruments CD74AC74 Datasheet HTML 2Page - Texas Instruments CD74AC74 Datasheet HTML 3Page - Texas Instruments CD74AC74 Datasheet HTML 4Page - Texas Instruments CD74AC74 Datasheet HTML 5Page - Texas Instruments CD74AC74 Datasheet HTML 6Page - Texas Instruments CD74AC74 Datasheet HTML 7Page - Texas Instruments CD74AC74 Datasheet HTML 8Page - Texas Instruments CD74AC74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3 Pin Configuration and Functions
Figure 3-1. CD54AC74 F Package, 14-Pin CDIP; CD74AC74 E or M Package, 14-Pin PDIP or SOIC (Top
View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
1 CLR
1
Input
Channel 1, Clear Input, Active Low
1D
2
Input
Channel 1, Data Input
1CLK
3
Input
Channel 1, Positive edge triggered clock input
1 PRE
4
Input
Channel 1, Preset Input, Active Low
1Q
5
Output
Channel 1, Output
1 Q
6
Output
Channel 1, Inverted Output
GND
7
—
Ground
2 Q
8
Output
Channel 2, Inverted Output
2Q
9
Output
Channel 2, Output
2 PRE
10
Input
Channel 2, Preset Input, Active Low
2CLK
11
Input
Channel 2, Positive edge triggered clock input
2D
12
Input
Channel 2, Data Input
2 CLR
13
Input
Channel 2, Clear Input, Active Low
VCC
14
—
Positive Supply
www.ti.com
CD54AC74, CD74AC74
SCHS231E – NOVEMBER 1998 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54AC74 CD74AC74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com