Electronic Components Datasheet Search
  English  ▼

X  

CD74AC74 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74AC74
Description  CDx4AC74 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC74 Datasheet(HTML) 1 Page - Texas Instruments

  CD74AC74 Datasheet HTML 1Page - Texas Instruments CD74AC74 Datasheet HTML 2Page - Texas Instruments CD74AC74 Datasheet HTML 3Page - Texas Instruments CD74AC74 Datasheet HTML 4Page - Texas Instruments CD74AC74 Datasheet HTML 5Page - Texas Instruments CD74AC74 Datasheet HTML 6Page - Texas Instruments CD74AC74 Datasheet HTML 7Page - Texas Instruments CD74AC74 Datasheet HTML 8Page - Texas Instruments CD74AC74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
CDx4AC74 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset
1 Features
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
• Speed of bipolar F, AS, and S, with significantly
reduced power consumption
• Balanced propagation delays
• ±24mA output drive current – fanout to 15 F
devices
• SCR-latchup-resistant CMOS process and circuit
design
2 Description
The ’AC74 dual positive-edge-triggered devices are
D-type flip-flops.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CDx4AC74
J (CDIP, 14)
19.56mm × 7.9mm
19.56mm × 6.67mm
N (PDIP, 14)
19.3mm x 9.4mm
19.3mm x 6.35mm
D (SOIC, 14)
8.65mm x 6mm
8.65mm x 3.9mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Copyright © 2016, Texas Instruments Incorporated
Logic Diagram, Each Flip-Flop (Positive Logic)
CD54AC74, CD74AC74
SCHS231E – NOVEMBER 1998 – REVISED AUGUST 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74AC74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC74 TI-CD74AC74 Datasheet
36Kb / 8P
Dual D-Type Flip-Flop with Set and Reset Positive-Edge-Triggered
CD74AC74 TI-CD74AC74 Datasheet
330Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
CD74AC74 TI1-CD74AC74 Datasheet
681Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
CD74AC74E TI-CD74AC74E Datasheet
36Kb / 8P
Dual D-Type Flip-Flop with Set and Reset Positive-Edge-Triggered
CD74AC74E TI-CD74AC74E Datasheet
330Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - CD74AC74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74HCT74A HITACHI-HD74HCT74A Datasheet
57Kb / 10P
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset
HD74LS74A HITACHI-HD74LS74A Datasheet
69Kb / 6P
Dual D-type Positive Edge-triggered Flip-Flops(With Preset and Clear)
logo
Texas Instruments
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74_06 Datasheet
891Kb / 21P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Potato Semiconductor Co...
PO54G74A POTATO-PO54G74A Datasheet
563Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Texas Instruments
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
SN5474 TI1-SN5474_15 Datasheet
1Mb / 23P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54AHC74 TI1-SN54AHC74_15 Datasheet
1Mb / 27P
Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com