Electronic Components Datasheet Search
  English  ▼

X  

CD74AC74 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74AC74
Description  CDx4AC74 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC74 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74AC74 Datasheet HTML 2Page - Texas Instruments CD74AC74 Datasheet HTML 3Page - Texas Instruments CD74AC74 Datasheet HTML 4Page - Texas Instruments CD74AC74 Datasheet HTML 5Page - Texas Instruments CD74AC74 Datasheet HTML 6Page - Texas Instruments CD74AC74 Datasheet HTML 7Page - Texas Instruments CD74AC74 Datasheet HTML 8Page - Texas Instruments CD74AC74 Datasheet HTML 9Page - Texas Instruments CD74AC74 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Load Circuit and
Voltage Waveforms)
−55°C to
125°C
−40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
tsu
Setup time
Data
4.9
4.3
ns
PRE or CLR inactive
ns
th
Hold time
Data after CLK↑
0
0
ns
trec
Recovery time, before CLK↑
CLR↑ or PRE↑
4.7
4.1
ns
4.8 Timing Requirements, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Load Circuit and
Voltage Waveforms)
−55°C to
125°C
−40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
110
125
MHz
tw
Pulse duration
PRE or CLR low
4
3.5
ns
CLK
4.5
3.9
tsu
Setup time
Data
3.5
3.1
ns
PRE or CLR inactive
ns
th
Hold time
Data after CLK↑
0
0
ns
trec
Recovery time, before CLK↑
CLR↑ or PRE↑
2.7
2.4
ns
4.9 Switching Characteristics, VCC = 1.5 V
over recommended operating free-air temperature range, VCC = 1.5 V, CL = 50 pF (unless otherwise noted) (see Load Circuit
and Voltage Waveforms)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
−55°C to
125°C
−40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
fmax
9
10
MHz
tPLH
CLK
Q or Q
125
114
ns
tPHL
125
114
tPLH
PRE or CLR
Q or Q
132
120
ns
tPHL
144
131
4.10 Switching Characteristics, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Load Circuit and
Voltage Waveforms)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
−55°C to
125°C
−40°C to 85°C
UNIT
MIN
MAX
MIN
MA
X
fmax
79
90
MHz
tPLH
CLK
Q or Q
3.5
14
3.6 12.7
ns
tPHL
3.5
14
3.6 12.7
tPLH
PRE or CLR
Q or Q
3.7
14.7
3.8 13.4
ns
tPHL
4
16.1
4.1 14.6
CD54AC74, CD74AC74
SCHS231E – NOVEMBER 1998 – REVISED AUGUST 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC74 CD74AC74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com