| Electronic Components Datasheet Search |
|
CD74AC74 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD74AC74 Datasheet(HTML) 10 Page - Texas Instruments |
|
10 / 26 page ![]() 6 Detailed Description 6.1 Overview The ’AC74 dual positive-edge-triggered devices are D-type flip-flops. A low level at the preset (PRE) or clear (CLR) inputs sets or resets the outputs, regardless of the levels of the other inputs. When PRE and CLR are inactive (high), data at the data (D) input meeting the setup time requirements is transferred to the outputs on the positive-going edge of the clock pulse. Clock triggering occurs at a voltage level and is not related directly to the rise time of the clock pulse. Following the hold-time interval, data at the D input can be changed without affecting the levels at the outputs. 6.2 Functional Block Diagram Copyright © 2016, Texas Instruments Incorporated Figure 6-1. 6.3 Device Functional Modes Table 6-1. Function Table (Each Flip-flop) INPUTS OUTPUTS PRE CLR CLK D Q Q L H X X H L H L X X L H L L X X H (1) H (1) H H ↑ H H L H H ↑ L L H H H L X Q0 Q 0 (1) This configuration is nonstable; that is, it does not persist when PRE or CLR returns to its inactive (high) level. CD54AC74, CD74AC74 SCHS231E – NOVEMBER 1998 – REVISED AUGUST 2024 www.ti.com 10 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: CD54AC74 CD74AC74 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |