Electronic Components Datasheet Search
  English  ▼

X  

CD74AC74 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74AC74
Description  CDx4AC74 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear And Preset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74AC74 Datasheet(HTML) 5 Page - Texas Instruments

  CD74AC74 Datasheet HTML 1Page - Texas Instruments CD74AC74 Datasheet HTML 2Page - Texas Instruments CD74AC74 Datasheet HTML 3Page - Texas Instruments CD74AC74 Datasheet HTML 4Page - Texas Instruments CD74AC74 Datasheet HTML 5Page - Texas Instruments CD74AC74 Datasheet HTML 6Page - Texas Instruments CD74AC74 Datasheet HTML 7Page - Texas Instruments CD74AC74 Datasheet HTML 8Page - Texas Instruments CD74AC74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
4.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
−55°C to
125°C
−40°C to 85°C
UNIT
MIN
MAX
MIN MAX
MIN
MAX
VOH
VI = VIH or VIL
IOH = −50 µA
1.5 V
1.4
1.4
1.4
V
3 V
2.9
2.9
2.9
4.5 V
4.4
4.4
4.4
IOH = −4 mA
3 V
2.58
2.4
2.48
IOH = −24 mA
4.5 V
3.94
3.7
3.8
IOH = −50 mA
(1)
5.5 V
3.85
IOH = −75 mA
(1)
5.5 V
3.85
VOL
VI = VIH or VIL
IOL = 50 µA
1.5 V
0.1
0.1
0.1
V
3 V
0.1
0.1
0.1
4.5 V
0.1
0.1
0.1
IOL = 12 mA
3 V
0.36
0.5
0.44
IOL = 24 mA
4.5 V
0.36
0.5
0.44
IOL = 50 mA
(1)
5.5 V
1.65
IOL = 75 mA
(1)
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
80
40
µA
Ci
10
10
10
pF
(1)
Test one output at a time, not exceeding 1-second duration. Measurement is made by forcing indicated current and measuring voltage
to minimize power dissipation. Test verifies a minimum 50-Ω transmission-line drive capability at 85°C and 75-Ω transmission-line drive
capability at 125°C.
4.6 Timing Requirements, VCC = 1.5 V
over recommended operating free-air temperature range, VCC = 1.5 V (unless otherwise noted)
−55°C to
125°C
−40°C to 85°C
UNIT
MI
N
MAX
MIN MAX
fclock
Clock frequency
9
10
MHz
tw
Pulse duration
PRE or CLR low
50
44
ns
CLK
56
49
tsu
Setup time
Data
44
39
ns
PRE or CLR inactive
ns
th
Hold time
Data after CLK↑
0
0
ns
trec
Recovery time, before CLK↑
CLR↑ or PRE↑
34
30
ns
4.7 Timing Requirements, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Load Circuit and
Voltage Waveforms)
−55°C to
125°C
−40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
79
90
MHz
tw
Pulse duration
PRE or CLR low
5.6
4.9
ns
CLK
6.3
5.5
www.ti.com
CD54AC74, CD74AC74
SCHS231E – NOVEMBER 1998 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CD54AC74 CD74AC74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com