Electronic Components Datasheet Search
  English  ▼

X  

KB3302 Datasheet(PDF) 7 Page - Kingbor Technology Co

Part # KB3302
Description  2Amp, 2MHz Step-up Switching regulator with Soft-Start
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3302 Datasheet(HTML) 7 Page - Kingbor Technology Co

Back Button KB3302 Datasheet HTML 3Page - Kingbor Technology Co KB3302 Datasheet HTML 4Page - Kingbor Technology Co KB3302 Datasheet HTML 5Page - Kingbor Technology Co KB3302 Datasheet HTML 6Page - Kingbor Technology Co KB3302 Datasheet HTML 7Page - Kingbor Technology Co KB3302 Datasheet HTML 8Page - Kingbor Technology Co KB3302 Datasheet HTML 9Page - Kingbor Technology Co KB3302 Datasheet HTML 10Page - Kingbor Technology Co KB3302 Datasheet HTML 11Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
KB3302
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS INFORMATION
Duty Cycle
The duty cycle D of a boost converter is:
D
OUT
CESAT
D
OUT
IN
V
V
V
1
V
V
V
1
D
+
−
+
−
=
(3)
where V
CESAT
is the switch saturation voltage and V
D
is
voltage drop across the rectifying diode.
Maximum Output Current
In a boost switching regulator the inductor is connected
to the input. The DC inductor current is the input current.
When the power switch is turned on, the inductor current
flows into the switch. When the power switch is off, the
inductor current flows through the rectifying diode to the
output. The output current is the average diode current.
The diode current waveform is trapezoidal with pulse width
(1 – D)T (Figure 5). The output current available from a
boost converter therefore depends on the converter
operating duty cycle. The power switch current in the
KB3302 is internally limited to 2A. This is also the maximum
inductor or the input current. By estimating the conduction
losses in both the switch and the diode, an expression of
the maximum available output current of a boost converter
can be derived:
()
⎥
⎦
⎤
⎢
⎣
⎡
−
−
−
−
=
IN
CESAT
D
D
OUT
IN
LIM
OUTMAX
V
V
V
D
V
45
D
1
V
V
I
I
(4)
where I
LIM
is the switch current limit.
It is worth noting that I
OUTMAX
is directly proportional to the
ratio
OUT
IN
V
V
. Equation (4) over-estimates the maximum
output current at high frequencies (>1MHz) since
switching losses are neglected in its derivation.
Nevertheless it is a useful first-order approximation.
Using V
CESAT
= 0.3V, V
D
= 0.5V and I
LIM
= 2A in (3) and (4),
the maximum output currents for three V
IN
and V
OUT
combinations are shown in Table 1.
V
IN ( V )
V
OUT ( V )
D
I
OUTMAX ( A )
2.5
12
0.820
0.35
3.3
5
0.423
1.14
5
12
0.615
0.76
Considerations for High Frequency Operation
The operating duty cycle of a boost converter decreases as
V
IN
approaches V
OUT
. The PWM modulating ramp in a
current-mode switching regulator is the sensed current ramp
of the control switch. This current ramp is absent unless
the switch is turned on. The intersection of this ramp with
the output of the voltage feedback error amplifier
determines the switch pulse width. The propagation delay
time required to immediately turn off the switch after it
is turned on is the minimum switch on time. Regulator
closed-loop measurement shows that the KB3302 has
a minimum on time of about 150ns at room temperature.
The power switch in the KB3302 is either not turned on
at all or for at least 150ns. If the required switch on time
is shorter than the minimum on time, the regulator will
either skip cycles or it will start to jitter.
Example: Determine the maximum operating frequency
of a Li-ion cell to 5V converter using the KB3302.
Assuming that V
D
=0.5V, V
CESAT
=0.3V and V
IN
=2.6 - 4.2V,
the minimum duty ratio can be found using (3).
25
.
0
5
.
0
5
3
.
0
1
5
.
0
5
2
.
4
1
D
MIN
=
+
−
+
−
=
Figure 5. Current Waveforms in a Boost Regulator
Inductor Current
Switch Current
Diode Current
ON
ON
OFF
ON
ON
OFF
ON
OFF
IOUT
IIN
(1-D)T
DT
Table 1. Calculated Maximum Output Current [ Equation (4)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com