Electronic Components Datasheet Search
  English  ▼

X  

KB3302 Datasheet(PDF) 10 Page - Kingbor Technology Co

Part # KB3302
Description  2Amp, 2MHz Step-up Switching regulator with Soft-Start
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3302 Datasheet(HTML) 10 Page - Kingbor Technology Co

Back Button KB3302 Datasheet HTML 6Page - Kingbor Technology Co KB3302 Datasheet HTML 7Page - Kingbor Technology Co KB3302 Datasheet HTML 8Page - Kingbor Technology Co KB3302 Datasheet HTML 9Page - Kingbor Technology Co KB3302 Datasheet HTML 10Page - Kingbor Technology Co KB3302 Datasheet HTML 11Page - Kingbor Technology Co KB3302 Datasheet HTML 12Page - Kingbor Technology Co KB3302 Datasheet HTML 13Page - Kingbor Technology Co KB3302 Datasheet HTML 14Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
KB3302
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS INFORMATION
Programming Undervoltage Lockout
The KB3302 has an internal V
IN
undervoltage lockout
(UVLO) threshold of 1.4V. The transition from idle to
switching is abrupt but there is no hysteresis. If the input
voltage ramp rate is slow and the input bypass is limited,
then sudden turn on of the power transistor will cause a
dip in the line voltage. Switching will stop if V
IN
falls below
the internal UVLO threshold. The resulting output voltage
rise may be non-monotonic. The 1.1V disable threshold of
the KB3302 can be used in conjunction with a resistive
voltage divider to raise the UVLO threshold and to add an
UVLO hysteresis. Figure 7 shows the scheme. Both V
H
and
V
L
(the desired upper and the lower UVLO threshold
voltages) are determined by the 1.1V threshold crossings,
V
H
and V
L
are therefore:
()
3
HYS
H
HYS
H
L
4
3
H
R
I
V
V
V
V
V
1
.
1
R
R
1
V
−
=
−
=
⎟⎟⎠
⎞
⎜⎜⎝
⎛
+
=
(10)
Re-arranging,
HYS
HYS
3
I
V
R
=
(11)
1
1
.
1
V
R
R
H
3
4
−
=
(12)
Figure 6. Methods of Driving the Shutdown Pin
(c)
1N4148
KB3302
SHDN
IN
VIN
(a)
KB3302
SHDN
IN
(d)
KB3302
SHDN
IN
(b)
KB3302
SHDN
IN
(a) Directly Driven from a Logic Gate
(b) Driven from an Open-drain N-channel MOSFET or an Open-Collector NPN Transistor (V
OL
< 0.1V)
(c) Driven from a Logic Gate with V
OH
> V
IN
(d) Combining Shutdown with Programmed UVLO (See Section Below).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com