Electronic Components Datasheet Search
  English  ▼

X  

KB3302 Datasheet(PDF) 15 Page - Kingbor Technology Co

Part # KB3302
Description  2Amp, 2MHz Step-up Switching regulator with Soft-Start
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3302 Datasheet(HTML) 15 Page - Kingbor Technology Co

Back Button KB3302 Datasheet HTML 9Page - Kingbor Technology Co KB3302 Datasheet HTML 10Page - Kingbor Technology Co KB3302 Datasheet HTML 11Page - Kingbor Technology Co KB3302 Datasheet HTML 12Page - Kingbor Technology Co KB3302 Datasheet HTML 13Page - Kingbor Technology Co KB3302 Datasheet HTML 14Page - Kingbor Technology Co KB3302 Datasheet HTML 15Page - Kingbor Technology Co KB3302 Datasheet HTML 16Page - Kingbor Technology Co KB3302 Datasheet HTML 17Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
KB3302
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
3.3V
C1
2.2
µF
23V (10mA)
OUT1
KB3302
2
3
1
5
6
4
GND
SHDN
SS
IN
SW
FB
ROSC
COMP
8
7
C3
C4
R3
R4
10BQ015
D1
10
µF
47nF
820pF
40.2K
R2
R1
C2
49.9K
274K
8V (0.55A)
7.68K
C9
0.1
µF
L1
2.2
µH
D6
D7
C10
1
µF
D2
0.1
µF
C5
D3
0.1
µF
C6
D4
0.1
µF
C7
D5
1
µF
C8
OUT 2
OUT3
-8V (10mA)
R6
R5
100K
150K
Figure 13(a). 1.5MHz Triple-Output TFT Power Supply.
D2 - D7 : BAT54S
L1 : Cooper-Bussmann SD25-2R2
C1
2.2
µF
KB3302
2
3
1
5
6
4
GND
SHDN
SS
IN
SW
FB
ROSC
COMP
8
7
R4
10BQ015
D1
C3
10nF
4.7
µF
C2
R2
43.2K
R1
698
8.06K
C4
10nF
L1
2.2
µH
R5
10K
0.1
Ω
R6
2.6 - 4.2V
1-CELL
LI-ION
1/2
LM358
0.2A (TORCH)
MMBT 3904T
SUMIDA
CR43
ON
OFF
D2
LXCL-PWF1
Q1
C5
0.1
µF
R6
17.4K
FLASH
TORCH
- 3.4V to 3.8V +
MMBF2201NT1
M1
0.7A (FLASH)
Figure 14(a). 1.4MHz LuxeonTM Flash White LED Driver for Camera Phones



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com