Electronic Components Datasheet Search
  English  ▼

X  

KB3302 Datasheet(PDF) 14 Page - Kingbor Technology Co

Part # KB3302
Description  2Amp, 2MHz Step-up Switching regulator with Soft-Start
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3302 Datasheet(HTML) 14 Page - Kingbor Technology Co

Back Button KB3302 Datasheet HTML 9Page - Kingbor Technology Co KB3302 Datasheet HTML 10Page - Kingbor Technology Co KB3302 Datasheet HTML 11Page - Kingbor Technology Co KB3302 Datasheet HTML 12Page - Kingbor Technology Co KB3302 Datasheet HTML 13Page - Kingbor Technology Co KB3302 Datasheet HTML 14Page - Kingbor Technology Co KB3302 Datasheet HTML 15Page - Kingbor Technology Co KB3302 Datasheet HTML 16Page - Kingbor Technology Co KB3302 Datasheet HTML 17Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
KB3302
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
PACAGE DESCRIPTION
3.6 - 6V
4-CELL
VOUT
C1
2.2
µF
KB3302
2
3
1
5
6
4
GND
SHDN
SS
IN
SW
FB
ROSC
COMP
8
7
ON
OFF
C3
C4
R2
R1
R3
R4
10BQ015
D1
C2
10
µF
47nF
560pF
20K
20K
60.4K
5V
7.68K
C5
47pF
L1
4.9
µH
C6
2.2
µF
L2
4.9
µH
Figure 12(a). 1.5 MHz All Ceramic Capacitor 4-Cell to 5V SEPIC Converter. Pinout Shown is for MSOP-8.
L1 and L2: Coiltronics CTX5-1
Figure 11(b). Efficiency of the Single Li-ion Cell to 5V Boost
Converter in Figure 11(a).
Efficiency
50
55
60
65
70
75
80
85
90
95
0.001
0.010
0.100
1.000
Load Current (A)
VOUT = 5V
VIN = 2.6V
1.2MHz
VIN = 3.6V
VIN = 4.2V
5V, 0.8A
C1
2.2
µF
VOUT
ON
OFF
C3
C4
10BQ015
R3
D1
L1
1.8
µH
C2
10
µF
47nF
1nF
R2
100K
17.4K
KB3302
2
3
1
5
6
4
GND
SHDN
SS
IN
SW
FB
ROSC
COMP
8
7
2.6 - 4.2V
1-CELL
LI-ION
R1
301K
R4
10.7K
Figure 11(a). 1.2 MHz All Ceramic Capacitor Single Li-ion Cell
L1: Sumida CR43
to 5V Boost Converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com