Electronic Components Datasheet Search
  English  ▼

X  

KB3302 Datasheet(PDF) 3 Page - Kingbor Technology Co

Part # KB3302
Description  2Amp, 2MHz Step-up Switching regulator with Soft-Start
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3302 Datasheet(HTML) 3 Page - Kingbor Technology Co

  KB3302 Datasheet HTML 1Page - Kingbor Technology Co KB3302 Datasheet HTML 2Page - Kingbor Technology Co KB3302 Datasheet HTML 3Page - Kingbor Technology Co KB3302 Datasheet HTML 4Page - Kingbor Technology Co KB3302 Datasheet HTML 5Page - Kingbor Technology Co KB3302 Datasheet HTML 6Page - Kingbor Technology Co KB3302 Datasheet HTML 7Page - Kingbor Technology Co KB3302 Datasheet HTML 8Page - Kingbor Technology Co KB3302 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
KB3302
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
Unless specified: V
IN
= 2V, SHDN = 1.5V, R
OSC = 7.68kΩ, -40°C < TA = TJ < 85°C
Parameter
Test Conditions
Min
Typ
Max
Unit
Switch Leakage Current
V
SW = 5V
0.01
1
µA
Shutdown Threshold Voltage
1.02
1.1
1.18
V
Shutdown Pin Current
V
SHDN = 1.2V
-4.6
µA
V
SHDN = 0
0
0.1
µA
Soft-Start Charging Current
V
SS = 0.3V
1.5
µA
Thermal Shutdown Temperature
160
°C
Thermal Shutdown Hysteresis
10
°C
Shutdown Pin Current
vs Temperature
-6
-5
-4
-3
-50
-25
0
25
50
75
100
125
Temperature (ºC)
VIN = 2V
VIN = 12V
VSHDN = 1.25V
Transconductance vs Temperature
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
Temperature (ºC)
VIN = 2V
Soft-Start Charging Current
vs Temperature
1
1.2
1.4
1.6
1.8
2
-50
-25
0
255075
100
125
Temperature (ºC)
VSS = 0.3V
VIN Current vs SHDN Pin Voltage
0
0.02
0.04
0.06
0.08
0.1
0
0.2
0.4
0.6
0.8
1
1.2
SHDN Voltage (V)
25ºC
VIN = 2V
VIN Current vs SHDN Pin Voltage
0
0.2
0.4
0.6
0.8
1
1.2
0
0.5
1
1.5
SHDN Voltage (V)
125ºC
-40ºC
VIN = 2V
-40ºC
125ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com