Electronic Components Datasheet Search
  English  ▼

X  

DAC80504 Datasheet(PDF) 15 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 11Page - Texas Instruments DAC80504 Datasheet HTML 12Page - Texas Instruments DAC80504 Datasheet HTML 13Page - Texas Instruments DAC80504 Datasheet HTML 14Page - Texas Instruments DAC80504 Datasheet HTML 15Page - Texas Instruments DAC80504 Datasheet HTML 16Page - Texas Instruments DAC80504 Datasheet HTML 17Page - Texas Instruments DAC80504 Datasheet HTML 18Page - Texas Instruments DAC80504 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
Load Current (mA)
-60
-40
-20
0
20
40
60
-2
-1
0
1
2
3
4
0x0000
0x4000
0x8000
0xC000
0xFFFF
D035
Load Current (mA)
-60
-40
-20
0
20
40
60
-2
-1
0
1
2
3
4
5
6
7
0x0000
0x4000
0x8000
0xC000
0xFFFF
D036
Load Current (mA)
0
5
10
15
20
25
30
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D033
Sourcing 5.5V
Sourcing 2.7V
Sinking 5.5V
Sinking 2.7V
Load Current (mA)
-60
-40
-20
0
20
40
60
-2
-1
0
1
2
3
4
D034
Code 0x0000
Code 0x4000
Code 0x8000
Code 0xC000
Code 0xFFFF
VDD (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0
0
2.5
0.05
5
0.1
7.5
0.15
10
0.2
12.5
0.25
15
0.3
17.5
0.35
20
0.4
22.5
0.45
25
0.5
D032
IDD
IIO
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
0
2.5
0.2
5
0.4
7.5
0.6
10
0.8
12.5
1
15
1.2
17.5
1.4
20
1.6
22.5
1.8
25
2
D031
IDD
IIO
15
DAC80504, DAC70504, DAC60504
www.ti.com
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD = 5.5 V, internal reference = 2.5 V, gain = 2, DAC outputs unloaded (unless otherwise noted)
Figure 31. Supply Current and Input Current vs Temperature
Figure 32. Supply Current and Input Current vs Supply
Voltage
Figure 33. Headroom/Footroom vs Load Current
Figure 34. Source and Sink Capability With Gain = ½
Figure 35. Source and Sink Capability With Gain = 1
Figure 36. Source and Sink Capability With Gain = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com