Electronic Components Datasheet Search
  English  ▼

X  

DAC80504 Datasheet(PDF) 38 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 38 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 34Page - Texas Instruments DAC80504 Datasheet HTML 35Page - Texas Instruments DAC80504 Datasheet HTML 36Page - Texas Instruments DAC80504 Datasheet HTML 37Page - Texas Instruments DAC80504 Datasheet HTML 38Page - Texas Instruments DAC80504 Datasheet HTML 39Page - Texas Instruments DAC80504 Datasheet HTML 40Page - Texas Instruments DAC80504 Datasheet HTML 41Page - Texas Instruments DAC80504 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
3
3
OUT
REF
1
1
R
R
V
0
V
2.5V
R
R
§
·
§
·
u
u
¨
¸
¨
¸
©
¹
©
¹
3
3
3
OUT
REF
REF
n
2
1
1
R
R
R
CODE
V
CODE
V
1
V
R
R
R
2
ª
º
§
· §
·
§
·
u
u
«
»
¨
¸ ¨
¸
¨
¸
©
¹
«
»
©
¹ ©
¹
¬
¼
DACx0504
GND
OPA192
VDAC
15 V
±15 V
R2
VREF
VREF
R1
R3
VOUT
Copyright © 2017, Texas Instruments Incorporated
REF
38
DAC80504, DAC70504, DAC60504
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
9.2 Typical Application
The DACx0504 is designed for single-supply operation; however, a bipolar output is also possible using the
circuit shown in Figure 76.
Figure 76. Bipolar Operation Using the DACx0504
9.2.1 Design Requirements
The circuit shown in Figure 76 gives a bipolar output voltage at VOUT. When GAIN = 1, VOUT can be calculated
using Equation 4:
where
•
VOUT(CODE) = output voltage versus code
•
CODE = 0 to 2
n – 1. This is the digital code loaded to the DAC
•
VREF = reference voltage applied to the DACx0504
•
n = resolution in bits
(4)
Table 18. Design Parameters
PARAMETER
VALUE
VOUT
±10 V
VREF
2.5 V
n
12
9.2.2 Detailed Design Procedure
The bipolar output span can be calculated through Equation 4 by defining a few parameters, the first being the
value for the reference voltage. Once a reference voltage is chosen, the gain resistors can be set accordingly by
determining the desired VOUT at code 0 and code 2
n. For a V
REF of 2.5 V and a desired output voltage range of
±10 V the calculation is as follows.
CODE = 0:
(5)
Setting the equation to minimum output span, VOUT(0) = –10 V, will reduce the equation to: R3/R1 = 4:
CODE = 4096:
Setting the equation to maximum output scan, VOUT(4096) = 10 V, and R3/R1 = 4 will reduce the equation to:
R3/R2 = 3
It is important to note that the maximum code of a 12-bit DAC is 4095; code 4096 was used to simplify the
equation above. For practical use, the true output span will encompass a range of –10 V to (10 V – 1 LSB),
which in this case is –10 V to 9.995 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com