Electronic Components Datasheet Search
  English  ▼

X  

DAC80504 Datasheet(PDF) 25 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 21Page - Texas Instruments DAC80504 Datasheet HTML 22Page - Texas Instruments DAC80504 Datasheet HTML 23Page - Texas Instruments DAC80504 Datasheet HTML 24Page - Texas Instruments DAC80504 Datasheet HTML 25Page - Texas Instruments DAC80504 Datasheet HTML 26Page - Texas Instruments DAC80504 Datasheet HTML 27Page - Texas Instruments DAC80504 Datasheet HTML 28Page - Texas Instruments DAC80504 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
25
DAC80504, DAC70504, DAC60504
www.ti.com
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Stand-Alone Operation
A serial interface access cycle is initiated by asserting the CS pin low. The serial clock SCLK can be a
continuous or gated clock. SDI data are clocked on SCLK falling edges. A regular serial interface access cycle is
24 bits long with error checking disabled and 32 bits long with error checking enabled, thus the CS pin must stay
low for at least 24 or 32 SCLK falling edges. The access cycle ends when the CS pin is de-asserted high. If the
access cycle contains less than the minimum clock edges, the communication is ignored. If the access cycle
contains more than the minimum clock edges are present, only the last 24 or 32 bits are used by the device.
When CS is high, the SCLK and SDI signals are blocked and the SDO pin is in a Hi-Z state.
In an error checking disabled access cycle (24-bits long) the first byte input to SDI is the instruction cycle which
identifies the request as a read or write command and the 4-bit address to be accessed. The following bits in the
cycle form the data cycle, as shown in Table 2.
Table 2. Serial Interface Access Cycle
BIT
FIELD
DESCRIPTION
23
RW
Identifies the communication as a read or write command to the addressed register. R/W = 0 sets a
write operation. R/W = 1 sets a read operation.
22:20
Reserved
Reserved bits. Must be filled with zeros.
19:16
A[3:0]
Register address. Specifies the register to be accessed during the read or write operation.
15:0
DI[15:0]
Data cycle bits. If a write command, the data cycle bits are the values to be written to the register with
address A[3:0]. If a read command, the data cycle bits are don’t care values.
A read operation is initiated by issuing a read command access cycle. After the read command, a second access
cycle must be issued to get the requested data, as shown in Table 3. Data are clocked out on SDO pin either on
the falling edge or rising edge of SCLK according to the FSDO bit in the CONFIG register.
Table 3. SDO Output Access Cycle
BIT
FIELD
DESCRIPTION
23
RW
Echo RW from previous access cycle.
22:20
Reserved
Echo bits 22:20 from previous access cycle (all zeros).
19:16
A[3:0]
Echo address from previous access cycle.
15:0
DO[15:0]
Readback data requested on previous access cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com