Electronic Components Datasheet Search
  English  ▼

X  

DAC80504 Datasheet(PDF) 28 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 24Page - Texas Instruments DAC80504 Datasheet HTML 25Page - Texas Instruments DAC80504 Datasheet HTML 26Page - Texas Instruments DAC80504 Datasheet HTML 27Page - Texas Instruments DAC80504 Datasheet HTML 28Page - Texas Instruments DAC80504 Datasheet HTML 29Page - Texas Instruments DAC80504 Datasheet HTML 30Page - Texas Instruments DAC80504 Datasheet HTML 31Page - Texas Instruments DAC80504 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
28
DAC80504, DAC70504, DAC60504
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
All input signals are specified at tR = tF = 1 ns/V (10% to 90% of VIO), timed from a voltage level of (VIL + VIH) / 2, VDD = 2.7 V to 5.5 V,
VIO = 1.7 V to 5.5 V, VREFIN = 1.25 V to 5.5 V, SDO loaded with 20 pF, and TA = –40°C to +125°C (unless otherwise noted)
8.5 Programming
The DACx0504 is controlled through a flexible four-wire serial interface that is compatible with SPI type
interfaces used on many microcontrollers and DSP controllers. The interface provides read and write access to
all DACx0504 registers and can also be configured to daisy-chain multiple devices for write operations. The
DACx0504 incorporates an optional error checking mode to validate SPI data communication integrity in noisy
environments. Table 7 shows the SPI timing requirements. Figure 62 and Figure 63 show the SPI write and read
timing diagrams, respectively. Figure 64 shows the digital logic timing diagram.
Table 7. Programming Timing Requirements(1)
VIO = 1.7 V to 2.7 V
VIO = 2.7 V to 5.5 V
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
SERIAL INTERFACE – WRITE OPERATION
fSCLK
SCLK frequency
50
50
MHz
tSCLKHIGH
SCLK high time
9
9
ns
tSCLKLOW
SCLK low time
9
9
ns
tSDIS
SDI setup
5
5
ns
tSDIH
SDI hold
10
10
ns
tCSS
CS to SCLK falling edge setup
13
13
ns
tCSH
SCLK falling edge to CS rising edge
10
10
ns
tCSHIGH
CS high time
15
15
ns
tCSIGNORE
SCLK falling edge to CS ignore
7
7
ns
SERIAL INTERFACE – READ AND DAISY CHAIN OPERATION, FSDO = 0
fSCLK
SCLK frequency
12
18
MHz
tSCLKHIGH
SCLK high time
35
25
ns
tSCLKLOW
SCLK low time
35
25
ns
tSDIS
SDI setup
5
5
ns
tSDIH
SDI hold
10
10
ns
tCSS
CS to SCLK falling edge setup
32
20
ns
tCSH
SCLK falling edge to CS rising edge
10
10
ns
tCSHIGH
CS high time
15
15
ns
tSDODLY
SDO output delay from SCLK rising edge
3.5
33.5
3.5
23
ns
tSDODZ
SDO driven to tri-state
0
30
0
25
ns
tCSIGNORE
SCLK falling edge to CS ignore
7
7
ns
SERIAL INTERFACE – READ AND DAISY CHAIN OPERATION, FSDO = 1
fSCLK
SCLK frequency
20
25
MHz
tSCLKHIGH
SCLK high time
22
18
ns
tSCLKLOW
SCLK low time
22
18
ns
tSDIS
SDI setup
5
5
ns
tSDIH
SDI hold
10
10
ns
tCSS
CS to SCLK falling edge setup
32
20
ns
tCSH
SCLK falling edge to CS rising edge
10
10
ns
tCSHIGH
CS high time
15
15
ns
tSDODLY
SDO output delay from SCLK falling edge
3.5
45
3.5
32
ns
tSDODZ
SDO driven to tri-state
0
30
0
25
ns
tCSIGNORE
SCLK falling edge to CS ignore
7
7
ns
DIGITAL LOGIC
tRSTDLYPOR
POR reset delay
170
250
170
250
µs
tDACWAIT
Sequential DAC output updates
1
1
µs
tLDACS
LDAC setup
0
0
ns
tLDACH
LDAC hold
5
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com