Electronic Components Datasheet Search
  English  ▼

X  

DAC80504 Datasheet(PDF) 22 Page - Texas Instruments

Part # DAC80504
Description  DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC80504 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC80504 Datasheet HTML 18Page - Texas Instruments DAC80504 Datasheet HTML 19Page - Texas Instruments DAC80504 Datasheet HTML 20Page - Texas Instruments DAC80504 Datasheet HTML 21Page - Texas Instruments DAC80504 Datasheet HTML 22Page - Texas Instruments DAC80504 Datasheet HTML 23Page - Texas Instruments DAC80504 Datasheet HTML 24Page - Texas Instruments DAC80504 Datasheet HTML 25Page - Texas Instruments DAC80504 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
22
DAC80504, DAC70504, DAC60504
SBAS871C – AUGUST 2017 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: DAC80504 DAC70504 DAC60504
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.1.2 Output Amplifiers
The DACx0504 output buffer amplifier is capable of generating rail-to-rail voltages on its output, giving a
maximum output range of 0 V to VDD. Each buffer amplifier is capable of driving a load of 2 kΩ in parallel with
10 nF to GND.
The full-scale output voltage for each channel is determined by the reference voltage (VREF), the reference
divider setting (DIV), and the output buffer gain for that channel (GAIN), as shown in Table 1. After a power-up or
reset event the DIV and GAIN settings are set by the REFDIV and GAIN pins, respectively. During normal
operation the DIV and GAIN settings can be reconfigured through the REF-DIV and BUFF-GAIN bit (see
Equation 1). The GAIN setting for each output channel can be individually configured thus enabling independent
output voltage ranges for each DAC output.
Table 1. DAC Output Range Configuration
DIV SETTING
GAIN SETTING
DAC OUTPUT RANGE
÷2
×1
0 V to ½ × VREF
÷1
×1
Not recommended
÷2
×2
0 V to VREF
÷1
×2
0 V to 2 × VREF
8.3.1.3 DAC Register Structure
Data written to the DAC data registers is initially stored in the DAC buffer registers. Transfer of data from the
DAC buffer registers to the active DAC registers can be configured to happen immediately (asynchronous mode)
or initiated by an LDAC trigger (synchronous mode). Once the DAC active registers are updated, the DAC
outputs change to their new values. When the host reads from a DAC Data register, the value held in the DAC
buffer register is returned (not the value held in the DAC active register).
8.3.1.3.1
DAC Register Synchronous and Asynchronous Updates
The update mode for each DAC channel is determined by the status of its corresponding SYNC-EN bit. In
asynchronous mode, a write to the DAC data register results in an immediate update of the DAC active register
and DAC output on CS rising edge. In synchronous mode, writing to the DAC data register does not
automatically update the DAC output. Instead the update occurs only after an LDAC trigger event. An LDAC
trigger is generated either through the LDAC bit in the TRIGGER register or by the LDAC pin. The synchronous
update mode enables simultaneous update of multiple DAC outputs. In both update modes a minimum wait time
of 1 µs is required between DAC output updates.
8.3.1.3.2
Broadcast DAC Register
The DAC broadcast register enables a simultaneous update of multiple DAC outputs with the same value with a
single register write. Each DAC channel can be configured to update or remain unaffected by a broadcast
command by setting the corresponding DAC-BRDCAST-EN bit in the SYNC register. A register write to the
BRDCAST-DATA register forces those DAC channels that have been configured for broadcast operation to
update their outputs. The DAC ouputs update to the broadcast value on CS rising edge independently of their
synchronous mode configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com