Electronic Components Datasheet Search
  English  ▼

X  

MICRF218 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, QwikRadio짰 300 MHz to 450 MHz Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF218 Datasheet HTML 1Page - Micrel Semiconductor MICRF218 Datasheet HTML 2Page - Micrel Semiconductor MICRF218 Datasheet HTML 3Page - Micrel Semiconductor MICRF218 Datasheet HTML 4Page - Micrel Semiconductor MICRF218 Datasheet HTML 5Page - Micrel Semiconductor MICRF218 Datasheet HTML 6Page - Micrel Semiconductor MICRF218 Datasheet HTML 7Page - Micrel Semiconductor MICRF218 Datasheet HTML 8Page - Micrel Semiconductor MICRF218 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Micrel
MICRF218
September 2007
5
M9999-090607
(408) 944-0800
Symbol
Parameter
Condition
Min
Typ
Max
Units
AGC Attack / Decay
Ratio
tATTACK / tDECAY
0.1
TA = 25ºC
± 2
nA
AGC pin leakage
current
TA = +85ºC
± 800
nA
RFIN @ -50dBm
1.13
V
AGC Dynamic Range
@ fRX = 433.92MHz
RFIN @ -110dBm
1.70
V
Reference Oscillator
fRX = 315 MHz, Narrow IF, IF_BW = VSS
Crystal Load Cap = 10pF
9.8131
MHz
fRX = 315 MHz, Wide IF, IF_BW = VDD
Crystal Load Cap = 10pF
9.78823
MHz
fRX = 433.92 MHz Narrow IF, IF_BW = VSS
Crystal Load Cap = 10pF
13.5178
MHz
Frequency
fRX = 433.92 MHz Wide IF , IF_BW = VDD
Crystal Load Cap = 10pF
13.48352
MHz
Input Impedance
300
k
Ω
Input Range
0.2
1.5
Vp-p
Source Current
V(REFOSC) = 0V
3.5
µA
Demodulator
CTH Source
Impedance
fREFOSC = 9.8131MHz, 315MHz, Note 8
165
k
Ω
TA = 25ºC
± 2
CTH Leakage Current
TA = +85ºC
± 800
nA
SEL0=0, SEL1=0
1180
Hz
SEL0=0, SEL1=1
2360
Hz
SEL0=1, SEL1=0
4720
Hz
Demodulator Filter
Bandwidth @ 315
MHz
SEL0=1, SEL1=1
9420
Hz
CTH Source
Impedance
fREFOSC = MHz, 433.92MHz, note 8
120
k
Ω
TA = 25ºC
± 2
CTH Leakage Current
TA = +85ºC
± 800
nA
SEL0=0, SEL1=0
1625
Hz
SEL0=0, SEL1=1
3250
Hz
SEL0=1, SEL1=0
6500
Hz
Demodulator Filter
Bandwidth @ 433.92
MHz
SEL0=1, SEL1=1
13000
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com