Electronic Components Datasheet Search
  English  ▼

X  

MICRF218 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, QwikRadio짰 300 MHz to 450 MHz Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF218 Datasheet HTML 7Page - Micrel Semiconductor MICRF218 Datasheet HTML 8Page - Micrel Semiconductor MICRF218 Datasheet HTML 9Page - Micrel Semiconductor MICRF218 Datasheet HTML 10Page - Micrel Semiconductor MICRF218 Datasheet HTML 11Page - Micrel Semiconductor MICRF218 Datasheet HTML 12Page - Micrel Semiconductor MICRF218 Datasheet HTML 13Page - Micrel Semiconductor MICRF218 Datasheet HTML 14Page - Micrel Semiconductor MICRF218 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Micrel
MICRF218
September 2007
11
M9999-090607
(408) 944-0800
passes through a third order band pass filter. The IF
Band-Pass filters are fully integrated inside the
MICRF218. After filtering, four active gain controlled
amplifier stages enhance the IF signal to proper level
for demodulation.
IF Bandwidth General Description
The MICRF218 has IF filters which may be configured
for operation in a narrow band or wide band mode
using the IF_BW pin. This pin must not be left floating;
it must be tied to VDD or VSS. With the use of a
13.4835MHz crystal and the IF_BW = VDD (wide
mode) the IF frequency is set to 2.4MHz with a
bandwidth of 1500kHz. With the use of a 13.5178MHz
crystal and the IF_BW = VSS (narrow mode) the IF
frequency is set to 1.4MHz with a bandwidth of
550kHz at 433.92MHz.
The
crystal
frequency
for
Wide
Bandwidth
IF
operation is given by:
MHz
)
12
2.178
(32
Freq
Operating
REFOSC
+
=
(1)
The crystal frequency for Narrow Bandwidth IF
operation is given by:
MHz
)
12
1.198
(32
Freq
Operating
REFOSC
+
=
(2)
Note: The IF frequency, IF bandwidth, and IF
separation between IF_BW modes using a single
crystal will scale linearly and can be calculated as
follows:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
)
433.92(MHz
(MHz)
Freq
Operating
*
er
IF_Paramet
er
IF_Paramet
MHz
433.92
@
(3)
Switched Crystal Application
Operation
Appropriate choice of two crystal frequencies and
IF_BW mode switching allows operation at two
different
frequencies;
one
with
low
bandwidth
operation
and
the
other
with
high
bandwidth
operation. Either the lower or
higher reception
frequency may use the wider IF bandwidth by utilizing
the appropriate equation (1) or (2) for each crystal
frequency.
The following circuit, Figure 4, is an example of
switched crystal operation. The IF Bandwidth Control
and REF-OSC Control allow switching between two
operating frequencies with either a narrow bandwidth
or a wide bandwidth. In this case, the logic control
switches between 390MHz in Wide Band Mode and
315MHz in Narrow Bandwidth Mode. The advantage
of this circuit is when a RF interferer is at one
frequency, the receiver can go to another frequency to
get clear reception.
Figure 5 shows PCB layout for MICRF218 with
switched crystal operation. Please contact the Micrel
RF Application Group for detailed document.
Dual Frequency Configuration Examples:
Scenario 1:
• Frequency 1 - 315MHz Narrow Bandwidth
• Frequency 2 - 433.92MHz Wide Bandwidth
A 9.81314MHz crystal switched in circuit during
narrow IF mode, combined with a 13.48352MHz
crystal, allows operation at 315MHz with 400kHz IF
bandwidth,
and
at
433.92MHz
with
1500kHz
bandwidth.
Scenario 2:
• Frequency 1 - 315MHz Wide Bandwidth
• Frequency 2 - 433.92MHz Narrow Bandwidth
A 9.78823MHz crystal switched in circuit during Wide
IF mode, combined with a 13.51783MHz crystal,
allows
operation
at
315MHz
with
1000kHz
IF
bandwidth,
and
433.92MHz
with
550kHz
IF
bandwidth.
Scenario 3:
• Frequency 1 - 315MHz Narrow Bandwidth
• Frequency 2 - 433.92MHz Narrow Bandwidth
A 9.8131MHz crystal switched in circuit, combined
with a 13.51783MHz crystal during narrow IF mode,
allows
operation
at
315MHz
with
400kHz
IF
bandwidth,
and
at
433.92MHz
with
550kHz
bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com