Electronic Components Datasheet Search
  English  ▼

X  

MICRF218 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, QwikRadio짰 300 MHz to 450 MHz Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF218 Datasheet HTML 1Page - Micrel Semiconductor MICRF218 Datasheet HTML 2Page - Micrel Semiconductor MICRF218 Datasheet HTML 3Page - Micrel Semiconductor MICRF218 Datasheet HTML 4Page - Micrel Semiconductor MICRF218 Datasheet HTML 5Page - Micrel Semiconductor MICRF218 Datasheet HTML 6Page - Micrel Semiconductor MICRF218 Datasheet HTML 7Page - Micrel Semiconductor MICRF218 Datasheet HTML 8Page - Micrel Semiconductor MICRF218 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MICRF218
3.3V, QwikRadio
® 300 MHz to 450 MHz Receiver
QwikRadio is a registered trademark of Micrel, Inc.
MLF and MicroLeadFrame are trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 2007
M9999-090607
(408) 944-0800
General Description
Micrel’s MICRF218 is the world’s first integrated ASK /
OOK receiver with selectable dual IF bandwidths for
300~450 MHz operation.
The receiver architecture is
super-heterodyne. The MICRF218 has fully integrated
IF section with image rejection to bring performance,
simplicity and ease of implementation to the receiver
portion of RF actuation.
The MICRF218 is a true RF in, data out receiver.
IF
filter and image rejection functions are built-in. Dual IF
bandwidths enable the MICRF218 to capture signals
from either high performance or low cost transmitters.
In addition, all post-detection data filtering is provided on
the MICRF218. The user has a choice of four filter
bandwidths that may be selected externally in binary
steps, from 1.25 kHz to 10 kHz. The user only needs to
program the device with a set of easily determined
values, based upon data rate, code modulation format,
and desired duty-cycle operation. The MICRF218 has a
shutdown control for duty-cycle operation to reduce
average current consumption.
It has analog RSSI
output, indicating the strength of incoming signal.
The device is unique for its ability to “escape” from a
jamming source and move to an alternate frequency.
Dual IF bandwidths function plus fast response time
provide
easy
implementation
of
dual
frequency
operations. It can accommodate two reference crystals
with the use of an external switch.
Once the system
detects a strong jamming signal on one frequency, the
MICRF218 can switch to another frequency via a
switching crystal.
This is the ideal receiver for “Jam
Avoidance”.
Features
• Complete receiver on a chip
• 300 MHz to 450 MHz frequency range
• Selectable IF frequency and bandwidth
• -108 dBm sensitivity, 550kHz IF BW, 1.0 Kbps BER
10 E-2 @ 433.92MHz
• -106 dBm sensitivity, 1500kHz IF BW, 1.0 Kbps BER
10 E-2 @ 433.92MHz
• Built-in Image Rejection Mixer
• Low Power, 4 mA @ 315 MHz, continuous on
• Data Rates to 10 kbps (Manchester Encoded) @
433.92 MHz
• Duty Cycling Capable > 100:1 (shut down mode)
• Analog RSSI Output
• No IF filter required
• Excellent selectivity and noise rejection
• Low external part count
Ordering Information
Part Number
Temperature Range
Package
MICRF218AYQS
–40° to +85°C
16-Pin QSOP


Similar Part No. - MICRF218

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF218 MICREL-MICRF218 Datasheet
832Kb / 23P
3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
MICRF218AYQS MICREL-MICRF218AYQS Datasheet
832Kb / 23P
3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
MICRF218 MICREL-MICRF218_11 Datasheet
832Kb / 23P
3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
More results

Similar Description - MICRF218

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C3202 NSC-DS90C3202 Datasheet
1Mb / 22P
3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
logo
NXP Semiconductors
BGO387 PHILIPS-BGO387 Datasheet
60Kb / 8P
300 MHz Optical receiver
2002 Dec 03
logo
Micrel Semiconductor
MICRF213 MICREL-MICRF213 Datasheet
974Kb / 16P
3.3V, QwikRadio짰 315MHz Receiver
MICRF211 MICREL-MICRF211 Datasheet
933Kb / 18P
3V, QwikRadio짰 433.92 MHz Receiver
MICRF221 MICREL-MICRF221 Datasheet
1Mb / 26P
3.3V, QwikRadio 850 MHz to 950 MHz Receiver
MICRF002 MICREL-MICRF002_08 Datasheet
377Kb / 17P
300-440MHz QwikRadio짰 ASK Receiver
logo
Texas Instruments
DS90C3202 TI1-DS90C3202_14 Datasheet
440Kb / 27P
3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
logo
Murata Manufacturing Co...
TXC100 MURATA-TXC100 Datasheet
456Kb / 11P
300-450 MHz Transmitter
logo
Texas Instruments
DS90C3202 TI1-DS90C3202_13 Datasheet
439Kb / 26P
3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
logo
Micrel Semiconductor
MICRF221 MICREL-MICRF221_15 Datasheet
923Kb / 26P
3.3V, QwikRadio짰 850 MHz to 950 MHz Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com