Electronic Components Datasheet Search
  English  ▼

X  

MICRF218 Datasheet(PDF) 20 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, QwikRadio짰 300 MHz to 450 MHz Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 20 Page - Micrel Semiconductor

Back Button MICRF218 Datasheet HTML 16Page - Micrel Semiconductor MICRF218 Datasheet HTML 17Page - Micrel Semiconductor MICRF218 Datasheet HTML 18Page - Micrel Semiconductor MICRF218 Datasheet HTML 19Page - Micrel Semiconductor MICRF218 Datasheet HTML 20Page - Micrel Semiconductor MICRF218 Datasheet HTML 21Page - Micrel Semiconductor MICRF218 Datasheet HTML 22Page - Micrel Semiconductor MICRF218 Datasheet HTML 23Page - Micrel Semiconductor MICRF218 Datasheet HTML 24Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Micrel
MICRF218
September 2007
20
M9999-090607
(408) 944-0800
PCB Considerations and Layout
Figures 14 to 17 show top, bottom and silkscreen
layers of printed circuit board for the QR218HE1
board.
Gerber
files
are
provided
and
are
downloadable from Micrel Website: www.micrel.com,
to fabricate this board. Keep traces as short as
possible. Long traces will alter the matching network,
and the values suggested will not be valid. Suggested
Matching Values may vary due to PCB variations. A
PCB trace 100 mills (2.5mm) long has about 1.1nH
inductance. Optimization should always be done with
exhaustive
range
tests.
Make
individual
ground
connections to the ground plane with a via for each
ground connection. Do not share vias with ground
connections. Each ground connection = 1 via or more
vias. Ground plane must be solid and possibly without
interruptions. Avoid ground plane on top next to the
matching elements. It normally adds additional stray
capacitance which changes the matching. Do not use
phenolic material. Use only FR4 or better materials.
Phenolic material is conductive above 200MHz. RF
path should be as straight as possible avoiding loops
and unnecessary turns. Separate ground and Vdd
lines from other circuits (microcontroller, etc). Known
sources of noise should be laid out as far as possible
from the RF circuits. Avoid thick traces, the higher the
frequency, the thinner the trace should be in order to
minimize losses in the RF path.
Figure 14. QR218HE1 Top Layer.
Figure15. QR218HE1 Bottom Layer, Mirror Image.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com