Electronic Components Datasheet Search
  English  ▼

X  

MICRF218 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, QwikRadio짰 300 MHz to 450 MHz Receiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF218 Datasheet HTML 10Page - Micrel Semiconductor MICRF218 Datasheet HTML 11Page - Micrel Semiconductor MICRF218 Datasheet HTML 12Page - Micrel Semiconductor MICRF218 Datasheet HTML 13Page - Micrel Semiconductor MICRF218 Datasheet HTML 14Page - Micrel Semiconductor MICRF218 Datasheet HTML 15Page - Micrel Semiconductor MICRF218 Datasheet HTML 16Page - Micrel Semiconductor MICRF218 Datasheet HTML 17Page - Micrel Semiconductor MICRF218 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Micrel
MICRF218
September 2007
14
M9999-090607
(408) 944-0800
with
MOS
transconductor
to
provide
negative
resistance.
All capacitors shown in Figure 6 are
integrated inside the MICRF218.
R01 and R02 are
external pins of MICRF218.
User only needs to
connect reference oscillation crystal.
See equation (1) and (2) to calculate reference
oscillator crystal frequency for either narrow or wide
bandwidth.
Crystal Parameters
To operate the MICRF218 with minimum offset,
crystal frequencies should be specified with 10pF
loading capacitance.
Please contact Micrel RF
Applications
department
for
crystal
parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com