Electronic Components Datasheet Search
  English  ▼

X  

HD3SS215 Datasheet(PDF) 16 Page - Texas Instruments

Part # HD3SS215
Description  HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS215 Datasheet(HTML) 16 Page - Texas Instruments

Back Button HD3SS215 Datasheet HTML 12Page - Texas Instruments HD3SS215 Datasheet HTML 13Page - Texas Instruments HD3SS215 Datasheet HTML 14Page - Texas Instruments HD3SS215 Datasheet HTML 15Page - Texas Instruments HD3SS215 Datasheet HTML 16Page - Texas Instruments HD3SS215 Datasheet HTML 17Page - Texas Instruments HD3SS215 Datasheet HTML 18Page - Texas Instruments HD3SS215 Datasheet HTML 19Page - Texas Instruments HD3SS215 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
9 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The HD3SS215 can be used in a variety of applications. This section shows the typical applications for
DisplayPort , DP++, and HDMI. The example diagrams illustrate using the HD3SS215 in a two source to one
sink application and a one source to two sinks application. All schematics are using the ZXH pin-out.
9.2 Typical Applications
9.2.1 DisplayPort and Dual Mode Adapter with Two Sources
The application schematic below shows the HD3SS215 in the 2:1 configuration for DisplayPort switching. The
HD3SS215 receives inputs from DP Source A and DP Source B. The control pins of the device can be set to
select Source A/B inputs and transfer them to port C through the Dx_SEL control pin. The schematic also shows
the CONFIG1 and AUX_SEL settings to configure the HD3SS215 to work with DP++ Type 2 and Type1
adapters. For this specific schematic, the AC capacitors needed on the MainLink signal lines are shown on the
Sink side of the HD3SS215. This is done to decrease the BOM. If desired the AC capacitors maybe placed in the
signal path on the Source A/B side of HD3SS215. Additional diagrams are provided to show the configuration of
the AUX channel for 2:1 and 1:2 DisplayPort only applications.
Figure 9-1. HD3SS215 Application Diagram for DisplayPort or Dual Mode Adapter Configuration
HD3SS215, HD3SS215I
SLAS971E – MAY 2014 – REVISED DECEMBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: HD3SS215 HD3SS215I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com