Electronic Components Datasheet Search
  English  ▼

X  

HD3SS215 Datasheet(PDF) 13 Page - Texas Instruments

Part # HD3SS215
Description  HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS215 Datasheet(HTML) 13 Page - Texas Instruments

Back Button HD3SS215 Datasheet HTML 9Page - Texas Instruments HD3SS215 Datasheet HTML 10Page - Texas Instruments HD3SS215 Datasheet HTML 11Page - Texas Instruments HD3SS215 Datasheet HTML 12Page - Texas Instruments HD3SS215 Datasheet HTML 13Page - Texas Instruments HD3SS215 Datasheet HTML 14Page - Texas Instruments HD3SS215 Datasheet HTML 15Page - Texas Instruments HD3SS215 Datasheet HTML 16Page - Texas Instruments HD3SS215 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
8 Detailed Description
8.1 Overview
The HD3SS215 is a generic analog, differential passive switch that can work for any high speed interface
applications, as long as it is biased at a common mode voltage range of 0 V to 3.3 V and has differential
signaling with differential amplitude up to 1800 mVpp. It employs adaptive tracking that maintains the high speed
channel impedance over the entire common mode voltage range. In high-speed applications and data paths,
signal integrity is an important concern. The switch offers excellent dynamic performance such as high isolation,
crosstalk immunity, and minimal bit-bit skew. These characteristics allow the device to function seamlessly in the
system without compromising signal integrity. The 2:1/1:2, mux/de-mux device operates with ports A or B
switched to port C, or port C switched to either port A or B. This flexibility allows an application to select between
one of two Sources on ports A and B and send the output to the sink on port C. Similarly, a Source on port C can
select between one of two Sink devices on ports A and B to send the data. To comply with DisplayPort, DP++
and HDMI applications, the HD3SS215 also switches AUX, HPD, and DDC along with the high-speed differential
signals. The HPD and data signals are both switched through the Dx_SEL pin. AUX and DDC are controlled with
AUX_SEL and Dx_SEL. The Functional Modes section contains information on how to set the control pins.
With an OE control pin, the HD3SS215 is operational, with low active current, when this pin is high. When OE is
pulled lowed, the device goes into standby mode and draws very little current in order to save power
consumption in the application.
www.ti.com
HD3SS215, HD3SS215I
SLAS971E – MAY 2014 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: HD3SS215 HD3SS215I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com