Electronic Components Datasheet Search
  English  ▼

X  

HD3SS215 Datasheet(PDF) 6 Page - Texas Instruments

Part # HD3SS215
Description  HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS215 Datasheet(HTML) 6 Page - Texas Instruments

Back Button HD3SS215 Datasheet HTML 2Page - Texas Instruments HD3SS215 Datasheet HTML 3Page - Texas Instruments HD3SS215 Datasheet HTML 4Page - Texas Instruments HD3SS215 Datasheet HTML 5Page - Texas Instruments HD3SS215 Datasheet HTML 6Page - Texas Instruments HD3SS215 Datasheet HTML 7Page - Texas Instruments HD3SS215 Datasheet HTML 8Page - Texas Instruments HD3SS215 Datasheet HTML 9Page - Texas Instruments HD3SS215 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Table 6-1. Pin Functions (continued)
PIN
I/O
DESCRIPTION(1)
NAME
NO.
ZXH
RTQ
DA3(p)
A8
45
I/O
Port A, Channel 3, High Speed Positive Signal
DA3(n)
A9
44
Port A, Channel 3, High Speed Negative Signal
DB0(p)
B8
41
I/O
Port B, Channel 0, High Speed Positive Signal
DB0(n)
B9
40
Port B, Channel 0, High Speed Negative Signal
DB1(p)
D8
38
I/O
Port B, Channel 1, High Speed Positive Signal
DB1(n)
D9
37
Port B, Channel 1, High Speed Negative Signal
DB2(p)
E8
35
I/O
Port B, Channel 2, High Speed Positive Signal
DB2(n)
E9
34
Port B, Channel 2, High Speed Negative Signal
DB3(p)
F8
32
I/O
Port B, Channel 3, High Speed Positive Signal
DB3(n)
F9
31
Port B, Channel 3, High Speed Negative Signal
DC0(p)
B2
2
I/O
Port C, Channel 0, High Speed Positive Signal
DC0(n)
B1
3
Port C, Channel 0, High Speed Negative Signal
DC1(p)
D2
5
I/O
Port C, Channel 1, High Speed Positive Signal
DC1(n)
D1
6
Port C, Channel 1, High Speed Negative Signal
DC2(p)
E2
8
I/O
Port C, Channel 2, High Speed Positive Signal
DC2(n)
E1
9
Port C, Channel 2, High Speed Negative Signal
DC3(p)
F2
11
I/O
Port C, Channel 3, High Speed Positive Signal
DC3(n)
F1
12
Port C, Channel 3, High Speed Negative Signal
AUXA(p)
H9
30
I/O
Port A AUX Positive Signal
AUXA(n)
J9
29
Port A AUX Negative Signal
AUXB(p)
H6
24
I/O
Port B AUX Positive Signal
AUXB(n)
J6
25
Port B AUX Negative Signal
AUXC(p)
H2
13
I/O
Port C AUX Positive Signal
AUXC(n)
H1
14
Port C AUX Negative Signal
DDCCLK_A
H8
27
I/O
Port A DDC Clock Signal
DDCDAT_A
J8
28
Port A DDC Data Signal
DDCCLK_B
H5
22
I/O
Port B DDC Clock Signal
DDCDAT_B
J5
23
Port B DDC Data Signal
DDCCLK_C
J3
18
I/O
Port C DDC Clock Signal
DDCDAT_C
J7
26
Port C DDC Data Signal
HPDA/B/C
J2, H3, J1
16, 17, 15
I/O
Port A/B/C Hot Plug Detect
OE
B7
43
I
Output Enable:
OE = VIH: Normal Operation
OE = VIL: Standby Mode
VDD
A2, J4
19, 55
Supply
3.3 V Positive power supply voltage
GND
B3, C8, G2,
G8 H4, H7
4, 7, 10, 33,
36, 39, 46,
49, 52
Supply
Ground
NC
20, 21, 42
Not connected
Thermal Pad
–
–
GND
Supply Ground
(1)
Only the high speed data DAz/DBz ports incorporate 20kΩ pull down resistors that are switched in when a port is not selected and
switched out when the port is selected.
HD3SS215, HD3SS215I
SLAS971E – MAY 2014 – REVISED DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: HD3SS215 HD3SS215I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com