Electronic Components Datasheet Search
  English  ▼

X  

HD3SS215 Datasheet(PDF) 21 Page - Texas Instruments

Part # HD3SS215
Description  HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS215 Datasheet(HTML) 21 Page - Texas Instruments

Back Button HD3SS215 Datasheet HTML 17Page - Texas Instruments HD3SS215 Datasheet HTML 18Page - Texas Instruments HD3SS215 Datasheet HTML 19Page - Texas Instruments HD3SS215 Datasheet HTML 20Page - Texas Instruments HD3SS215 Datasheet HTML 21Page - Texas Instruments HD3SS215 Datasheet HTML 22Page - Texas Instruments HD3SS215 Datasheet HTML 23Page - Texas Instruments HD3SS215 Datasheet HTML 24Page - Texas Instruments HD3SS215 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
10 Layout
10.1 Layout Guidelines
• The ESD and EMI protection devices (if used) should be placed as close as possible to the connector.
• Place voltage regulators as far away as possible from the high-speed differential pairs.
• It is recommended that small decoupling capacitors for the HD3SS215 power rail be placed close to the
device.
• The high-speed differential signal traces should be routed on the top layer to avoid the use of vias and allow
clean interconnects to the mux.
• The high speed differential signal traces should be routed parallel to each other as much as possible. It is
recommended the traces be symmetrical.
• In order to control impedance for transmission lines, a solid ground plane should be placed next to the high-
speed signal layer. This also provides an excellent low-inductance path for the return current flow.
• The power plane should be placed next to the ground plane to create additional high-frequency bypass
capacitance.
• Adding test points will cause impedance discontinuity and will therefore negatively impact signal
performance. If test points are used, they should be placed in series and symmetrically. They must not be
placed in a manner that causes stubs on the differential pair.
• Avoid 90 degree turns in traces. The use of bends in differential traces should be kept to a minimum. When
bends are used, the number of left and right bends should be as equal as possible and the angle of the bend
should be ≥135 degrees. This will minimize any length mismatch caused by the bends and therefore
minimize the impact bends have on EMI.
www.ti.com
HD3SS215, HD3SS215I
SLAS971E – MAY 2014 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: HD3SS215 HD3SS215I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com