Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 46Page - STMicroelectronics L9300 Datasheet HTML 47Page - STMicroelectronics L9300 Datasheet HTML 48Page - STMicroelectronics L9300 Datasheet HTML 49Page - STMicroelectronics L9300 Datasheet HTML 50Page - STMicroelectronics L9300 Datasheet HTML 51Page - STMicroelectronics L9300 Datasheet HTML 52Page - STMicroelectronics L9300 Datasheet HTML 53Page - STMicroelectronics L9300 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 178 page
background image
Figure 28. Hardware control configuration
LS driver
LS current
sense
HS
current
sense
Current
control
HS
LS
VSx
LOADx
RETURNx
HS driver
SPI
SPI
Target current
Sw freq.
Dither
GADG1807170937PS
Current Set Point
The load current set point can be programmed independently for each driver using the dedicated SETPOINT_x
11bit register. Formula used to evaluate set point varies depending on HILOAD bit setting in CONFIGURATION
register and it is summarized in the table below.
Table 29. Setpoint configuration
SETPOINT
Load target current HILOAD = 0
[bit resolution = 1500/2047 = 0.733 mA]
Load target current HILOAD = 1
[bit resolution = 2000/2047 = 0.9770 mA]
0
0 [mA]
0 [mA]
1
1 * 0,733 [mA]
1 * 0,977 [mA]
2
2 * 0,733 [mA]
2 * 0,977 [mA]
…
…
…
2046
2046 * 0,733 [mA]
2046 * 0,977 [mA]
2047
1500 [mA]
2000 [mA]
Note:
All the values written inside the SETPOINT_x 11-bit register are considered current set point to be reached by
the algorithm. For this reason, if a 0x0 value is programmed, it is not guaranteed that the driver will be
completely switched off and a current equal to 0mA + Ireg_acc_L is allowed to flow on the connected load.
L9300
Valve drivers
DS12258 - Rev 5
page 50/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com