Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 25Page - STMicroelectronics L9300 Datasheet HTML 26Page - STMicroelectronics L9300 Datasheet HTML 27Page - STMicroelectronics L9300 Datasheet HTML 28Page - STMicroelectronics L9300 Datasheet HTML 29Page - STMicroelectronics L9300 Datasheet HTML 30Page - STMicroelectronics L9300 Datasheet HTML 31Page - STMicroelectronics L9300 Datasheet HTML 32Page - STMicroelectronics L9300 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 178 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VDD4_G out
Gate output voltage
VBATP = 5.5 V, Open loop condition,
VDD4_SEL = 0.7 V
12
16
V
VDD4_G
VDD4_G pd
Gate internal pull down
100
1000
kΩ
VDD4_G
VDD4_PSSR
PSSR
VDRAIN = 6.5 V, IVDD3 = 500 mA,
Vnoise = 1 Vpp, fnoise = 465 kHz,
CVDD4 = 5 µF Guaranteed by design
20
dB
VDD4
VDD4_SEL
ovs_a
Overshoot at power on
IVDD4 = 10 mA, CVDD4 = 5 µF
+4%
V
VDD4_SEL
VDD4_SEL
ovs_b
Overshoot at VBATP step
VBATP step from 5.5 V to 13 V
during 10 µs, IVDD4 = 500 mA,
CVDD4 = 5 µF, Guaranteed by design
+10%
V
VDD4_SEL
VDD4_SEL soft
Slope control
VDRAIN=VBATP = 13 V IVDD4 =
10 mA, CVDD4 = 4.7 µF
1
5
V/ms VDD4_SEL
Diagnostic
VDD4_UV
VDD4_SEL undervoltage
VDD4_SEL
typ * (9.1/10)
VDD4_SEL
typ * (9.6/10)
V
VDD4_SEL
VDD4_UV_ft
VDD4_SEL undervoltage
filter time
Guaranteed by scan
8
16
µs
VDD4_SEL
VDD4_OV
VDD4_SEL overvoltage
VDD4_SEL
typ * (11/10)
VDD4_SEL
typ * (11.8/10)
V
VDD4_SEL
VDD4_OV_ft
VDD4_SEL overvoltage
filter time
Guaranteed by scan
16
32
µs
VDD4_SEL
1. If VDRAIN is supplied by VDD1, the value of the optional filtering capacitor must be chosen taking into account VDD1 current limitation
value vs in-rush current during regulator power-up and supply transients.
8.4.3
VDD4 error handling
Table 13. VDD4 type errors
Type of error
Detection
condition
Action
Clear SPI flag
Restart condition
VDD4 under voltage
ON state
RES1 driven low. VDD4 UNDER VOLTAGE SPI flag
(7) latched in SERVFLT register
On read
Automatic after fault
disappears
VDD4 over voltage
ON state
RES1 driven low. VDD4 OVER VOLTAGE SPI flag (9)
latched in SERVFLT register
On read
Automatic after fault
disappears
8.5
TRK 1, 2, 3, 4
TRK1, TRK2, TRK3, TRK4 are four tracking regulators that can be configured to work also as wheel speed
interface depending on the voltage applied on TRK_SEL pin. All four regulators act as wheel speed interface in
case the TRL_SEL pin is grounded, otherwise each regulator tracks independently the voltage provided at
TRK_SEL pin (3.3 ≤ TRK_SEL ≤ 5) with a matching error of ± 20 mV. Since TRK outputs can be used to track
VDD3 or VDD4 voltages, their configuration is masked and they are kept disabled until both VDDx voltages are
above their undervoltage threshold to avoid wrong configuration detection during power-up. Once triggered the
configuration is latched and the echo of the configuration is provided in SPI registers.
8.5.1
Tracking regulator configuration
Functional description
Connecting TRK_SEL to either VDD3 or VDD4 output voltage or an external voltage reference the TRKn outputs
are configured as tracking regulators and start providing an output voltage in track with the desired reference. The
four TRKn outputs are however able to track only voltages starting from 3.3V.
L9300
Power supply
DS12258 - Rev 5
page 29/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com