Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 47Page - STMicroelectronics L9300 Datasheet HTML 48Page - STMicroelectronics L9300 Datasheet HTML 49Page - STMicroelectronics L9300 Datasheet HTML 50Page - STMicroelectronics L9300 Datasheet HTML 51Page - STMicroelectronics L9300 Datasheet HTML 52Page - STMicroelectronics L9300 Datasheet HTML 53Page - STMicroelectronics L9300 Datasheet HTML 54Page - STMicroelectronics L9300 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 178 page
background image
Switching Period Programming
HW current control feedback can work both at variable or fixed frequency, the operating mode can be selected
through a dedicated configuration bit in the CTRLCFG register; in case variable frequency is chosen the digital
control loop may vary the PWM period during transients in order to improve the settling time; in such a
configuration the programmed PWM period becomes a target for the inner period control loop. In HW mode the
PWM switching period of each solenoid driver can be programmed through a dedicated 11bit SPI register
(CTRLCFG), the period can be programmed to:
•
(N*64+1)*Tref_PWM where Tref_PWM = 125 ns in fixed frequency mode and N is the programmed value
in the register
•
(N*64+2)*Tref_PWM where Tref_PWM = 125 ns in variable frequency mode and N is the programmed
value in the register; the switching period control loop reaches stable point of operation when the effective
frequency is between the SPI register target value and (N*64+2 + (1/Kfi – 1))*Tref_PWM with an average
value over time equal to (N*64+2+(1/Kfi – 1)/2)*Tref_PWM) so it is affected by PI period control loop
settings.
In both HW modes (fixed and variable frequency) the minimum operating period is clamped by setting N = 12 for
N ≤ 12 values.
Table 30. Fixed and variable period programming
PWM_CTRLCFG
Period when in Fixed Frequency
Period when in variable Frequency
0
769*125n [s]
770*125n [s]
1
769*125n [s]
770*125n [s]
2
769*125n [s]
770*125n [s]
…
…
…
12
769*125n [s]
770*125n [s]
13
833*125n [s]
834*125n [s]
…
…
…
2046
130945*125n [s]
130946*125n [s]
2047
131009*125n [s]
131010*125n [s]
The resulting PWM period of solenoid drivers is internally checked and feedback in the PWMSENSE SPI register:
the period is checked against reference Tmin and Tmax values, outside these limits a flag TMOUT is set in the
SPI register PWMSENSE to inform that the control loop is working at unusual value.
The Tmin is fixed at 800*Tref_PWM while the Tmax value is set at 133334*Tref_PWM. Tmax limit only applies for
variable frequency mode. Both in variable and fixed frequency mode, in case no PWM signal is generated after
Tmax value, the period meter is reset at 196609*Tref_PWM and the average current is calculated.
Dither Programming
On the target current a dither modulation can be superimposed (this functionality can be disabled).
Dither modulation can be configured through SPI registers setting the number of steps to be implemented, their
amplitude and their duration Tstep: once the previous parameters are defined the achieved dither waveform is
similar to the one shown in the next figure.
Dither step duration can be computed using the formula:
Tstep= (1+ (M+1)*2N)*tref_dth
where tref_dth=128*125ns;
the mantissa value (M) can be programmed through 5 bit , from 0 to 31, of dedicated register DITHPGM, while the
exponent value (N) value can vary from 0 to 7 (3 bit programming) in the same register.
Amplitude of the single step can be calculated multiplying the value set by Dither current step amplitude bits in the
DITHPGM SPI register times the dither resolution Dth_res (equal to 1LSB of current set-point resolution); total
dither step number in a period is four times the value written in the Dither current step bits of DITHPGM register.
Total amplitude of the dither waveform is clamped between -1024 and 1023 LSB.
L9300
Valve drivers
DS12258 - Rev 5
page 51/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com