Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 69 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 65Page - STMicroelectronics L9300 Datasheet HTML 66Page - STMicroelectronics L9300 Datasheet HTML 67Page - STMicroelectronics L9300 Datasheet HTML 68Page - STMicroelectronics L9300 Datasheet HTML 69Page - STMicroelectronics L9300 Datasheet HTML 70Page - STMicroelectronics L9300 Datasheet HTML 71Page - STMicroelectronics L9300 Datasheet HTML 72Page - STMicroelectronics L9300 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 178 page
background image
11
Charge pump
11.1
Charge pump functional description
The device uses a two-stage charge pump circuit with external capacitors to ensure external MOSFET pre–
drivers, valve drivers and VDD3/4 low drop performances are guaranteed during low battery cranking.
An internal control loop monitors the output voltage and controls the charge pump efficiency in order to reduce
charge pump activity at light loads to reduce emissions during normal activity; when the battery input is low the
charge pump is able to work at full power to guarantee relevant parameters.
The device provides an under voltage monitor on charge pump voltage. In case of fault the device behaves as
reported in the Functional table chapter and a dedicated SPI bit is set and latched. The diagnostic is not masked
during power-up phase.
Figure 41. Charge pump
X
Charge Pump
VC1
VC2 VC3
VC4
X
X
X
X
X
C1
C2
CTANK
VBATP
VCP
GADG1907171250PS
11.2
Charge pump electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C, unless otherwise noticed. All voltages refer to GND pin.
Table 44. Charge Pump electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit Pin
Charge pump
C1, C2
External capacitor
Application note
68
nF
VCx
CTANK
Tank capacitor
Application note
220
nF
VCP
VCP_freq
Charge pump frequency
fOSCINT[MG1] /34
kHz VCx
VCP_out
Target CP output
Design info, not tested
VBATP+9
V
VCP
VCP_out
Minimum charge pump output
voltage
Iload=10 mA VBATP
min=5.5 V
VBATP+7
V
VCP
Diagnostic
VCP_UV
VCP under voltage
VBATP+5 V
VBATP+6 V
V
VCP
VCP_UV_FLT
VCP digital under voltage filter
time
Guaranteed by scan
7.5
10
12.5
µs
VCP
L9300
Charge pump
DS12258 - Rev 5
page 69/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com