Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 67 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 63Page - STMicroelectronics L9300 Datasheet HTML 64Page - STMicroelectronics L9300 Datasheet HTML 65Page - STMicroelectronics L9300 Datasheet HTML 66Page - STMicroelectronics L9300 Datasheet HTML 67Page - STMicroelectronics L9300 Datasheet HTML 68Page - STMicroelectronics L9300 Datasheet HTML 69Page - STMicroelectronics L9300 Datasheet HTML 70Page - STMicroelectronics L9300 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 178 page
background image
PUMP_PWM_Duty_Cycle
Duty cycle
…
…
127
99,219 %
128
100 %
…
…
255
100 %
The pump pre–driver has a VDS monitoring that is used to protect the external FET in case of short circuit to
ground. Through PUMP_VDS_PGM1 and PUMP_VDS_PGM2 SPI configuration bits four different VDS
thresholds are programmable.
In case of short circuit detection the pump pre-driver is switched off, a dedicated diagnostic bit is set and, if
programmed, the GPO is triggered. The fault configuration is latched and it is cleared on SPI read, once the fault
is cleared the pump pre-driver is automatically turned on keeping duty cycle and frequency information.
Figure 40. Pump motor concept
GADG0308171621PS
10.3.2
Pump pre-driver electrical characteristics
5.5V ≤ VBATP ≤ 19V; 5.5V ≤ PD1D ≤ 19V; -40°C ≤ Tj ≤ 175°C unless otherwise noticed. All voltages refer to GND
pin.
Table 42. Pump pre-driver electrical characteristics
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
Pump Pre-driver
PWM frequency
Application note
0.5
19
kHz
Ext. N-ch gate charge
Application note
30
nC
PD1_ON
PD1 ON voltage
PD1G – PD1S
7
10
V
PD1G, PD1S
L9300
Valve drivers
DS12258 - Rev 5
page 67/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com