Electronic Components Datasheet Search
  English  ▼

X  

L99UDL01TR Datasheet(PDF) 44 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 40Page - STMicroelectronics L99UDL01TR Datasheet HTML 41Page - STMicroelectronics L99UDL01TR Datasheet HTML 42Page - STMicroelectronics L99UDL01TR Datasheet HTML 43Page - STMicroelectronics L99UDL01TR Datasheet HTML 44Page - STMicroelectronics L99UDL01TR Datasheet HTML 45Page - STMicroelectronics L99UDL01TR Datasheet HTML 46Page - STMicroelectronics L99UDL01TR Datasheet HTML 47Page - STMicroelectronics L99UDL01TR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 88 page
background image
Serial communications
L99UDL01
44/88
DS12511 Rev 5
Figure 14. SPI command protocol description
5.5
Operating codes
The operating code is used to distinguish different modes in the registers of the slave
device.
A Write Operation will lead to a modification of the addressed data by the payload if a write
access is allowed (e.g. Control Register, valid data). Beside this a shift out of the content
(data present at Communication Start) of the registers is performed.
A Read Operation shifts out the data present in the addressed register at Communication
Start. The payload data will be ignored and internal data will not be modified.
A Read & Clear Operation will lead to a clear of addressed status bits. The bits to be cleared
are defined first by address, second by payload bits set to ‘1’. Beside this a shift out of the
content (data present at Communication Start) of the registers is performed.
Note:
Status registers which change status during communication could be cleared by the actual
Read & Clear Operation and are neither reported in actual communication nor in the
following communications. To avoid a loss of any reported status it is recommended to just
clear status registers which are already reported in the previous communication (Selective
Bitwise Clear).
OC1 OC0
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D7
D6
D5
D4
D3
D2
D1
D0
OPCODE
ADDRESS
DATA Byte 1
DATA Byte 2
D8
MSB
LSB
time
time
time
Table 18. Op code description
OC1
OC0
Description
0
0
Write operation
0
1
Read operation
1
0
Read & clear operation
1
1
Read device information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com