Electronic Components Datasheet Search
  English  ▼

X  

L99UDL01TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 21Page - STMicroelectronics L99UDL01TR Datasheet HTML 22Page - STMicroelectronics L99UDL01TR Datasheet HTML 23Page - STMicroelectronics L99UDL01TR Datasheet HTML 24Page - STMicroelectronics L99UDL01TR Datasheet HTML 25Page - STMicroelectronics L99UDL01TR Datasheet HTML 26Page - STMicroelectronics L99UDL01TR Datasheet HTML 27Page - STMicroelectronics L99UDL01TR Datasheet HTML 28Page - STMicroelectronics L99UDL01TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
DS12511 Rev 5
25/88
L99UDL01
Device description
87
2.6
Diagnostics and protections
2.6.1
Shorted load detection
All integrated drivers are protected for shorts to ground or supply by a simple over current
detection and latch off strategy. At turn on there is a blanking time (tOC_BLANKING) where the
output is given time to turn on. After the blanking time if the output current exceeds (IOC) for
longer than the filter time the faulted output(s) will be latched off.
If a shorted condition occurs after an output is active just the filtering time applies to the
latch-off action.
The fault will be reported in the fault register (Register 10H). The Global fault Functional
Error 1 bit (FE1) will also be set.
IOC applies to a single output. Multiple outputs in parallel will multiply the IOC value
accordingly. Two outputs in parallel will garner a 2x increase in the IOC value. The same
concept applies in order to have three outputs in parallel.
Since this system relies on current limitation for normal running IOC can occur in one of two
ways. First, the IOC threshold can occur if the current rise time is longer than the minimum
on time (tOC_BLANKING) of the driver. This occurs as a shorted load has very little inductance.
The second method is when the integrated driver is programmed as a simple switch and
does not provide the current regulation. Then IOC is the only means of overcurrent
protection.
The external half bridges are used as a simple switch (not current regulated). However,
when both sides of the H-Bridge are set up by the use of integrated half bridges
(outputs 1-6) then one of the integrated half bridges should be programmed as a simple
switch. This is done by programming the output to be Voltage controlled (by setting the
PWM_SW_x bit to 1) and setting the duty cycle to 100%.
This allows the other half bridge to provide the lock motor current regulation without
confusion.
Shorted outputs may be detected in the off-state as well (see Section 2.6.3).
Limitations due to active freewheeling
Due to how active freewheeling is performed (see Active freewheeling) a short to the drive
rail (a short to B+ for high side drive / low side freewheeling and vice versa) prior to
activation is not detected. The freewheeling element is never active and cannot experience
a shorted condition.
As a result, a shorted drive element during current regulation (C/PWM_SW_x=0) may
appear as a CNR (current not reached). A shorted drive element cannot be detected if PWM
control (C/PWM_SW_x=1) is selected.
A shorted driving element can be detected by reading the current feedback for that output or
by an off state fault detection. Only if the short occurs while freewheeling, can a short be
detected on the freewheeling element of the output.
External MOSFET protection
In case of the external half bridges Drain-Source voltage detection is implemented as an
overload protection once the driver is active. The Drain-Source threshold, VDS_TH, and
duration, tVDS_BLANK, are both programmable with a wide range to select from.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88