| Electronic Components Datasheet Search |
|
L99UDL01TR Datasheet(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99UDL01TR Datasheet(HTML) 42 Page - STMicroelectronics |
|
42 / 88 page ![]() Serial communications L99UDL01 42/88 DS12511 Rev 5 5 Serial communications 5.1 General information The ST-SPI is a common serial peripheral interface protocol used in ST’s Automotive ASSP devices. ST-SPI uses an in-frame response protocol for all communications providing for a global status byte to be communicated for every SPI transmission. 5.1.1 Physical Layer Figure 12. SPI pin description 5.2 Signal description 5.2.1 Chip Select Not (CSN) The communication interface is deselected, when this input signal is logically high. A falling edge on CSN enables and starts the communication while a rising edge finishes the communication and the sent command is executed when a valid frame was sent. During communication start and stop the Serial Clock (SCK) has to be logically low. The Serial Data-Out (SDO) is in high impedance when CSN is high or a communication timeout was detected (refer to CSN timeout). 5.2.2 Serial Clock (SCK) This SCK provides the clock of the SPI. Data present at Serial Data Input (SDI) is latched on the rising edge of Serial Clock (SCK) into the internal shift registers while on the falling edge data from the internal shift registers are shifted out to Serial-Data-Out (SDO). 5.2.3 Serial Data Input (SDI) This input is used to transfer data serially into the device. Data is latched on the rising edge of Serial Clock (SCK). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |