Electronic Components Datasheet Search
  English  ▼

X  

L99UDL01TR Datasheet(PDF) 75 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 71Page - STMicroelectronics L99UDL01TR Datasheet HTML 72Page - STMicroelectronics L99UDL01TR Datasheet HTML 73Page - STMicroelectronics L99UDL01TR Datasheet HTML 74Page - STMicroelectronics L99UDL01TR Datasheet HTML 75Page - STMicroelectronics L99UDL01TR Datasheet HTML 76Page - STMicroelectronics L99UDL01TR Datasheet HTML 77Page - STMicroelectronics L99UDL01TR Datasheet HTML 78Page - STMicroelectronics L99UDL01TR Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
DS12511 Rev 5
75/88
L99UDL01
Programmers guide
87
Global Status Bit Not (GSBN)
The GSBN is a logically NOR combination of Bit 0 to Bit 6. This bit can also be used as
Global Status Flag without starting a complete communication frame as it is present directly
after pulling CSN low.
Reset Bit (RSTB)
The RSTB indicates a device reset. In case this bit is set, all internal Control Registers have
been set to their default values and kept in that state until the bit is cleared. This bit is
automatically cleared by any valid SPI communication.
SPI Error (SPIE)
The SPIE is a logical OR combination of errors related to a wrong SPI communication. The
SPIE bit will not be automatically cleared by a valid SPI communication. This includes:
SCK count
SDI stuck @
Write fail
Read fail
Parity error.
Figure 26. Global Status byte
D 7
D 6
D 5
D 4
D 3
D 2
D 1
D 0
GSBN
RSTB
SPIE
FE2
FE1
DE
GW
N/A
01
00
00
00
Table 51. GSB bit description
Global Status byte
Bit#
Data Bit
Description
7
GSBN
Global Status Bit NOT (active low)
6
RSTB
RESET bit
5
SPIE
SPI Error
4
FE2
Functional Error bit 2
3
FE1
Functional Error bit 1
2
DE
Device Error
1
GW
Global Warning
0
Blank
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com