Electronic Components Datasheet Search
  English  ▼

X  

L99UDL01TR Datasheet(PDF) 87 Page - STMicroelectronics

Part # L99UDL01TR
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01TR Datasheet(HTML) 87 Page - STMicroelectronics

Back Button L99UDL01TR Datasheet HTML 80Page - STMicroelectronics L99UDL01TR Datasheet HTML 81Page - STMicroelectronics L99UDL01TR Datasheet HTML 82Page - STMicroelectronics L99UDL01TR Datasheet HTML 83Page - STMicroelectronics L99UDL01TR Datasheet HTML 84Page - STMicroelectronics L99UDL01TR Datasheet HTML 85Page - STMicroelectronics L99UDL01TR Datasheet HTML 86Page - STMicroelectronics L99UDL01TR Datasheet HTML 87Page - STMicroelectronics L99UDL01TR Datasheet HTML 88Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 87 / 88 page
background image
DS12511 Rev 5
87/88
L99UDL01
Revision history
87
8
Revision history
Table 60. Document revision history
Date
Revision
Changes
05-Nov-2018
1
Initial release.
18-Dec-2018
2
Minor text changes.
Updated:
– Pins 30, 31 and 57 in Table 2: Pin description;
–Pin 30 in Figure 2: Pin connection diagram on page 13;
– Section 2.1: Overview
– Section 2.4: Output functionality;
– Section 2.5.3: Normal mode;
– Figure 10: Typical application diagram example;
– Section 5.8: Address;
– Updated Figures from Figure 16 to Figure 25 and from Figure 27 to
Figure 30.
15-May-2019
3
Updated:
– Section 2.2.4: 3V3 monitoring;
– Section 2.6.3: Off state load detection;
– Table 3: Absolute maximum ratings on page 28;
– Table 5: Electrical parameters numbering;
– Table 6: Supply voltage parameters ;
– Table 9: Integrated half-bridge DC parameters;
– Table 10: Integrated half-bridge current control parameters;
– Table 11: External half-bridge parameters;
– Table 12: Charge pump parameters;
– Table 13: Protections;
– FLTx_y on page 77.
10-Oct-2019
4
Updated:
– Table 6: Supply voltage parameters
– Table 12: Charge pump parameters
– Table 13: Protections
12-Oct-2020
5
Updated Table 11: External half-bridge parameters (D.023 and D.027
Req ID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com