Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD2106 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCLVD2106
Description  Dual 1:6 Low Additive Jitter LVDS Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2106 Datasheet(HTML) 2 Page - Texas Instruments

  CDCLVD2106 Datasheet HTML 1Page - Texas Instruments CDCLVD2106 Datasheet HTML 2Page - Texas Instruments CDCLVD2106 Datasheet HTML 3Page - Texas Instruments CDCLVD2106 Datasheet HTML 4Page - Texas Instruments CDCLVD2106 Datasheet HTML 5Page - Texas Instruments CDCLVD2106 Datasheet HTML 6Page - Texas Instruments CDCLVD2106 Datasheet HTML 7Page - Texas Instruments CDCLVD2106 Datasheet HTML 8Page - Texas Instruments CDCLVD2106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Reference
Generator
LVDS
GND
OUTN [0..5]
OUTP [0..5]
LVDS
OUTN [6..11]
OUTP [6..11]
GND
VCC
VCC VCC VCC
VCC
VCC
VCC
VAC_REF0
INP0
INN0
INP1
INN1
EN
200 kW
200 kW
VAC_REF1
6mmx 6mm
40 pinQFN (RHA)
ThermalPad (GND)
2
3
4
5
6
7
1
24
23
22
21
27
26
25
VCC
OUTP8
OUTN9
OUTP9
OUTN8
OUTN0
OUTP0
VCC
OUTN10
OUTP10
8
9
10
OUTN1
OUTP1
OUTN2
OUTP2
OUTN3
OUTP3
VCC
30
29
28
VCC
OUTN11
OUTP11
11
12
13
14
15
16
17
37
36
35
34
33
32
31
18
19
20
40
39
38
CDCLVD2106
SCAS902B – SEPTEMBER 2010 – REVISED JANUARY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Figure 2. CDCLVD2106 Block Diagram
2
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): CDCLVD2106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com