Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD2106 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCLVD2106
Description  Dual 1:6 Low Additive Jitter LVDS Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2106 Datasheet(HTML) 4 Page - Texas Instruments

  CDCLVD2106 Datasheet HTML 1Page - Texas Instruments CDCLVD2106 Datasheet HTML 2Page - Texas Instruments CDCLVD2106 Datasheet HTML 3Page - Texas Instruments CDCLVD2106 Datasheet HTML 4Page - Texas Instruments CDCLVD2106 Datasheet HTML 5Page - Texas Instruments CDCLVD2106 Datasheet HTML 6Page - Texas Instruments CDCLVD2106 Datasheet HTML 7Page - Texas Instruments CDCLVD2106 Datasheet HTML 8Page - Texas Instruments CDCLVD2106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CDCLVD2106
SCAS902B – SEPTEMBER 2010 – REVISED JANUARY 2011
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage range, VCC
–0.3 to 2.8
V
Input voltage range, VI
–0.2 to (VCC + 0.2)
V
Output voltage range, VO
–0.2 to (VCC + 0.2)
V
Driver short circuit current, IOSD
See note(2)
Electrostatic discharge (HBM, 1.5 k
Ω, 100 pF)
>3000
V
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
The outputs can handle permanent short.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Device supply voltage, VCC
2.375
2.5
2.625
V
Ambient temperature, TA
–40
85
°C
THERMAL INFORMATION
CDCLVD2106
THERMAL METRIC(1)
UNITS
RHA (40 PINS)
qJA
Junction-to-ambient thermal resistance
31.0
qJC(top)
Junction-to-case(top) thermal resistance
28.7
qJB
Junction-to-board thermal resistance
9.3
°C/W
yJT
Junction-to-top characterization parameter
0.4
yJB
Junction-to-board characterization parameter
9.3
qJC(bottom)
Junction-to-case(bottom) thermal resistance
3.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
ELECTRICAL CHARACTERISTICS
At VCC = 2.375V to 2.625V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EN CONTROL INPUT CHARACTERISTICS
VdI3
3 State
Open
0.5×VCC
V
VdIH
Input high voltage
0.7×VCC
V
VdIL
Input low voltage
0.2×VCC
V
IdIH
Input high current
VCC = 2.625 V, VIH = 2.625 V
30
mA
IdIL
Input low current
VCC = 2.625 V, VIL = 0 V
–30
mA
Rpull(EN)
Input pull-up/ pull-down resistor
200
k
Ω
2.5V LVCMOS (see Figure 7) INPUT CHARACTERISTICS
fIN
Input frequency
200
MHz
External threshold voltage applied to
Vth
Input threshold voltage
1.1
1.5
V
complementary input
VIH
Input high voltage
Vth + 0.1
VCC
V
VIL
Input low voltage
0
Vth – 0.1
V
IIH
Input high current
VCC = 2.625 V, VIH = 2.625 V
10
mA
IIL
Input low current
VCC = 2.625 V, VIL = 0 V
–10
mA
ΔV/ΔT
Input edge rate
20%–80%
1.5
V/ns
CIN
Input capacitance
2.5
pF
4
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): CDCLVD2106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com