Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD2106 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDCLVD2106
Description  Dual 1:6 Low Additive Jitter LVDS Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2106 Datasheet(HTML) 3 Page - Texas Instruments

  CDCLVD2106 Datasheet HTML 1Page - Texas Instruments CDCLVD2106 Datasheet HTML 2Page - Texas Instruments CDCLVD2106 Datasheet HTML 3Page - Texas Instruments CDCLVD2106 Datasheet HTML 4Page - Texas Instruments CDCLVD2106 Datasheet HTML 5Page - Texas Instruments CDCLVD2106 Datasheet HTML 6Page - Texas Instruments CDCLVD2106 Datasheet HTML 7Page - Texas Instruments CDCLVD2106 Datasheet HTML 8Page - Texas Instruments CDCLVD2106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CDCLVD2106
www.ti.com
SCAS902B – SEPTEMBER 2010 – REVISED JANUARY 2011
PIN FUNCTIONS
PIN
NAME
NO.
TYPE
DESCRIPTION
5, 6, 11,
VCC
Power
2.5V supplies for the device
20, 31, 40
GND
21, 30
Ground
Device ground
INP0, INN0
9, 8
Input
Differential input pair or single ended input
INP1, INN1
2, 3
Input
Differential redundant input pair or single ended input
OUTP0, OUTN0
12, 13
Output
Differential LVDS output pair no. 0
OUTP1, OUTN1
14, 15
Output
Differential LVDS output pair no. 1
OUTP2, OUTN2
16, 17
Output
Differential LVDS output pair no. 2
INP0/INN0 is the input
OUTP3, OUTN3
18, 19
Output
Differential LVDS output pair no. 3
OUTP4, OUTN4
22, 23
Output
Differential LVDS output pair no. 4
OUTP5, OUTN5
24, 25
Output
Differential LVDS output pair no. 5
OUTP6, OUTN6
26, 27
Output
Differential LVDS output pair no. 6
OUTP7, OUTN7
28, 29
Output
Differential LVDS output pair no. 7
OUTP8,OUTN8
32, 33
Output
Differential LVDS output pair no. 8
INP1/INN1 is the input
OUTP9,OUTN9
34, 35
Output
Differential LVDS output pair no. 9
OUTP10,OUTN10
36, 37
Output
Differential LVDS output pair no. 10
OUTP11,OUTN11
38, 39
Output
Differential LVDS output pair no. 11
Bias voltage output for capacitive coupled inputs. If used, it is recommended to use a
VAC_REF0
7
Output
0.1µF to GND on this pin.
Bias voltage output for capacitive coupled inputs. If used, it is recommended to use a
VAC_REF1
4
Output
0.1µF to GND on this pin.
NC
10
No connect
Input with
internal
EN
1
Control pin – enables or disables the outputs (See Table 1).
200k
Ω pull-up
and pull-down
Device ground. Thermal pad must be soldered to ground. See thermal management
Thermal Pad
Ground
recommendations.
Table 1. Output Control Table
EN
CLOCK OUTPUTS
0
All outputs disabled (static "0")
Open
All outputs enabled
1
OUT0 to OUT5 enabled and OUT6 to OUT11 disabled (static "0")
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCLVD2106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com