Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD2106 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCLVD2106
Description  Dual 1:6 Low Additive Jitter LVDS Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2106 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCLVD2106 Datasheet HTML 9Page - Texas Instruments CDCLVD2106 Datasheet HTML 10Page - Texas Instruments CDCLVD2106 Datasheet HTML 11Page - Texas Instruments CDCLVD2106 Datasheet HTML 12Page - Texas Instruments CDCLVD2106 Datasheet HTML 13Page - Texas Instruments CDCLVD2106 Datasheet HTML 14Page - Texas Instruments CDCLVD2106 Datasheet HTML 15Page - Texas Instruments CDCLVD2106 Datasheet HTML 16Page - Texas Instruments CDCLVD2106 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
CDCLVD2106
Z = 50 W
Z = 50 W
LVDS
100 W
V
AC_REF
100 nF
50 W
Z = 50 W
Z = 50 W
CDCLVD2106
50 W
LVDS
100 nF
150 W
150 W
V
AC_REF
100 nF
50 W
Z = 50 W
Z = 50 W
CDCLVD2106
50 W
LVPECL
75 W
75 W
100 nF
CDCLVD2106
www.ti.com
SCAS902B – SEPTEMBER 2010 – REVISED JANUARY 2011
INPUT TERMINATION
The CDCLVD2106 inputs can be interfaced with LVDS, LVPECL, or LVCMOS drivers.
LVDS Driver can be connected to CDCLVD2106 inputs with dc or ac coupling as shown Figure 15 and Figure 16
respectively.
Figure 17 shows how to connect LVPECL inputs to the CDCLVD2106. The series resistors are required to
reduce the LVPECL signal swing if the signal swing is >1.6 VPP.
Figure 18 illustrates how to couple a 2.5 V LVCMOS clock input to the CDCLVD2106 directly. The series
resistance (RS) should be placed close to the LVCMOS driver if needed. 3.3 V LVCMOS clock input swing needs
to be limited to VIH ≤ VCC.
Figure 15. LVDS Clock Driver Connected to CDCLVD2106 Input (DC coupled)
spacer
Figure 16. LVDS Clock Driver Connected to CDCLVD2106 Input (AC coupled)
spacer
Figure 17. LVPECL Clock Driver Connected to CDCLVD2106 Input
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CDCLVD2106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com