Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD2106 Datasheet(PDF) 9 Page - Texas Instruments

Part # CDCLVD2106
Description  Dual 1:6 Low Additive Jitter LVDS Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2106 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCLVD2106 Datasheet HTML 5Page - Texas Instruments CDCLVD2106 Datasheet HTML 6Page - Texas Instruments CDCLVD2106 Datasheet HTML 7Page - Texas Instruments CDCLVD2106 Datasheet HTML 8Page - Texas Instruments CDCLVD2106 Datasheet HTML 9Page - Texas Instruments CDCLVD2106 Datasheet HTML 10Page - Texas Instruments CDCLVD2106 Datasheet HTML 11Page - Texas Instruments CDCLVD2106 Datasheet HTML 12Page - Texas Instruments CDCLVD2106 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
VIH
VIL
Vth
Vth
IN
IN
OUTNx
OUTPx
80%
20%
0 V
tr
tf
V
OD
VOH
VOL
V
(= 2 x V
)
OUT,DIFF,PP
OD
CDCLVD2106
www.ti.com
SCAS902B – SEPTEMBER 2010 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS (continued)
Figure 7. DC Coupled LVCMOS Input During Device Test
Figure 8. Output Voltage and Rise/Fall Time
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CDCLVD2106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com