Electronic Components Datasheet Search
  English  ▼

X  

DAC2902 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC2902
Description  Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC2902 Datasheet(HTML) 2 Page - Texas Instruments

  DAC2902 Datasheet HTML 1Page - Texas Instruments DAC2902 Datasheet HTML 2Page - Texas Instruments DAC2902 Datasheet HTML 3Page - Texas Instruments DAC2902 Datasheet HTML 4Page - Texas Instruments DAC2902 Datasheet HTML 5Page - Texas Instruments DAC2902 Datasheet HTML 6Page - Texas Instruments DAC2902 Datasheet HTML 7Page - Texas Instruments DAC2902 Datasheet HTML 8Page - Texas Instruments DAC2902 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DAC2902
2
SBAS167C
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC2902Y
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
12
Bits
Output Update Rate (fCLOCK)
125
MSPS
STATIC ACCURACY(1)
Differential Nonlinearity (DNL)
TA = +25°C
–2.0
±1
+2.0
LSB
TMIN to TMAX
–2.5
+2.5
LSB
Integral Nonlinearity (INL)
TA = +25°C
–2.0
±1
+2.0
LSB
TMIN to TMAX
–3.0
+3.0
LSB
DYNAMIC PERFORMANCE
Spurious-Free Dynamic Range (SFDR)
To Nyquist
fOUT = 1MHz, fCLOCK = 50MSPS
0dBFS Output
72
82
dBc
–6dBFS Output
77
dBc
–12dBFS Output
72
dBc
fOUT = 1MHz, fCLOCK = 26MSPS
81
dBc
fOUT = 2.18MHz, fCLOCK = 52MSPS
81
dBc
fOUT = 5.24MHz, fCLOCK = 52MSPS
81
dBc
fOUT = 10.4MHz, fCLOCK = 78MSPS
77
dBc
fOUT = 15.7MHz, fCLOCK = 78MSPS
71
dBc
fOUT = 5.04MHz, fCLOCK = 100MSPS
80
dBc
fOUT = 20.2MHz, fCLOCK = 100MSPS
70
dBc
fOUT = 20.1MHz, fCLOCK = 125MSPS
72
dBc
fOUT = 40.2MHz, fCLOCK = 125MSPS
64
dBc
Spurious-Free Dynamic Range within a Window
fOUT = 1.0MHz, fCLOCK = 50MSPS
2MHz Span
80
90
dBc
fOUT = 5.02MHz, fCLOCK = 50MSPS
10MHz Span
88
dBc
fOUT = 5.03MHz, fCLOCK = 78MSPS
10MHz Span
88
dBc
fOUT = 5.04MHz, fCLOCK = 125MSPS
10MHz Span
88
dBc
Total Harmonic Distortion (THD)
fOUT = 1MHz, fCLOCK = 50MSPS
–79
–70
dBc
fOUT = 5.02MHz, fCLOCK = 50MSPS
–77
dBc
fOUT = 5.03MHz, fCLOCK = 78MSPS
–76
dBc
fOUT = 5.04MHz, fCLOCK = 125MSPS
–75
dBc
Multitone Power Ratio
8 Tone with 110kHz Spacing
fOUT = 2.0MHz to 2.99MHz, fCLOCK = 65MSPS
0dBFS Output
80
dBc
At TMIN to TMAX, +VA = +5V, +VD = +3.3V, differential transformer coupled output, and 50Ω doubly-terminated, unless otherwise noted. Independent Gain mode.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instruments
recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation pro-
cedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
+VA to AGND ........................................................................ –0.3V to +6V
+VD to DGND ........................................................................ –0.3V to +6V
AGND to DGND ................................................................. –0.3V to +0.3V
+VA to +VD ............................................................................... –6V to +6V
CLK, PD, WRT to DGND ........................................... –0.3V to VD + 0.3V
D0-D11 to DGND ....................................................... –0.3V to VD + 0.3V
IOUT, IOUT to AGND ........................................................ –1V to VA + 0.3V
GSET to AGND .......................................................... –0.3V to VA + 0.3V
REFIN, FSA to AGND ................................................. –0.3V to VA + 0.3V
Junction Temperature .................................................................... +150
°C
Case Temperature ......................................................................... +100
°C
Storage Temperature .................................................................... +125
°C
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
DAC2902Y
TQFP-48
PFB
–40
°C to +85°C
DAC2902Y
DAC2902Y/250
Tape and Reel, 250
""
"
"
"
DAC2902Y/1K
Tape and Reel, 1000
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
EVM ORDERING NUMBER
COMMENT
DAC2902
DAC2902-EVM
Fully populated evaluation board. See user manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com