Electronic Components Datasheet Search
  English  ▼

X  

DAC2902 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC2902
Description  Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC2902 Datasheet(HTML) 4 Page - Texas Instruments

  DAC2902 Datasheet HTML 1Page - Texas Instruments DAC2902 Datasheet HTML 2Page - Texas Instruments DAC2902 Datasheet HTML 3Page - Texas Instruments DAC2902 Datasheet HTML 4Page - Texas Instruments DAC2902 Datasheet HTML 5Page - Texas Instruments DAC2902 Datasheet HTML 6Page - Texas Instruments DAC2902 Datasheet HTML 7Page - Texas Instruments DAC2902 Datasheet HTML 8Page - Texas Instruments DAC2902 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DAC2902
4
SBAS167C
www.ti.com
PIN
DESIGNATOR
DESCRIPTION
1-12
D[11:0]_1
Data Port DAC1, Data Bit 11 (MSB) to Bit 0 (LSB).
13, 14
NC
No Connection
15
DGND
Digital Ground
16
+VD
Digital Supply, +3.0V to +5.5V
17
WRT1
DAC1 Input Latches Write Signal
18
CLK1
Clock Input DAC1
19
CLK2
Clock Input DAC2
20
WRT2
DAC2 Input Latches Write Signal
21
DGND
Digital Ground
22
+VD
Digital Supply, +3.0V to +5.5V
23-34
D[11:0]_2
Data Port DAC2, Data Bit 11 (MSB) to Bit 0 (LSB).
35, 36
NC
No Connection
37
PD
Power-Down Function Control Input;
H = DAC in power-down mode; L = DAC in normal operation (Internal pull-down for default “L”).
38
AGND
Analog Ground
39
IOUT2
Current Output DAC2. Full-scale with all bits of data port 2 HIGH.
40
IOUT2
Complementary Current Output DAC2. Full-scale with all bits of data port 2 LOW.
41
FSA2
Full-Scale Adjust, DAC2. Connect External RSET Resistor.
42
GSET
Gain-Setting Mode (H = 1 Resistor, L = 2 Resistor)
43
REFIN
Internal Reference Voltage output; External Reference Voltage input. Bypass with 0.1
µF to AGND for internal reference
operation.
44
FSA1
Full-Scale Adjust, DAC1. Connect External RSET Resistor
45
IOUT1
Complementary Current Output DAC1. Full-scale with all bits of data port 1 LOW.
46
IOUT1
Current Output DAC1. Full-scale with all bits of data port 1 HIGH.
47
+VA
Analog Supply, +3.0V to +5.5V
48
NC
No Connection
PIN DESCRIPTIONS
PIN CONFIGURATION
Top View
TQFP-48
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
DAC2902
NC
NC
D0_2
D1_2
D2_2
D3_2
D4_2
D5_2
D6_2
D7_2
D8_2
D9_2
D11_1 (MSB)
D10_1
D9_1
D8_1
D7_1
D6_1
D5_1
D4_1
D3_1
D2_1
D1_1
D0_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com