Electronic Components Datasheet Search
  English  ▼

X  

DAC2902 Datasheet(PDF) 12 Page - Texas Instruments

Part # DAC2902
Description  Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC2902 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC2902 Datasheet HTML 8Page - Texas Instruments DAC2902 Datasheet HTML 9Page - Texas Instruments DAC2902 Datasheet HTML 10Page - Texas Instruments DAC2902 Datasheet HTML 11Page - Texas Instruments DAC2902 Datasheet HTML 12Page - Texas Instruments DAC2902 Datasheet HTML 13Page - Texas Instruments DAC2902 Datasheet HTML 14Page - Texas Instruments DAC2902 Datasheet HTML 15Page - Texas Instruments DAC2902 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
DAC2902
12
SBAS167C
www.ti.com
The DC gain for this circuit is equal to feedback resistor RF.
At high frequencies, the DAC output impedance (CD1, CD2)
will produce a 0 in the noise gain for the OPA2680 that may
cause peaking in the closed-loop frequency response. CF is
added across RF to compensate for this noise gain peaking.
To achieve a flat transimpedance frequency response, the
pole in each feedback network should be set to:
1
24
ππ
RC
GBP
RC
FF
F
D
=
(8)
with GBP = Gain Bandwidth Product of OPA,
which will give a corner frequency f-3dB of approximately:
f
GBP
RC
dB
FD
−
=
3
2
π
(9)
The full-scale output voltage is simply defined by the prod-
uct of IOUTFS × RF, and has a negative unipolar excursion. To
improve on the ac performance of this circuit, adjustment of
RF and/or IOUTFS should be considered. Further extensions of
this application example may include adding a differential
filter at the OPA2680 output followed by a transformer, in
order to convert to a single-ended signal.
SINGLE-ENDED CONFIGURATION
Using a single-load resistor connected to the one of the DAC
outputs, a simple current-to-voltage conversion can be ac-
complished. The circuit in Figure 6 shows a 50
Ω resistor
connected to IOUT, providing the termination of the further
connected 50
Ω cable. Therefore, with a nominal output
current of 20mA, the DAC produces a total signal swing of
0V to 0.5V into the 25
Ω load.
Different load resistor values may be selected as long as the
output compliance range is not exceeded. Additionally, the
output current, IOUTFS, and the load resistor, may be mutu-
ally adjusted to provide the desired output signal swing and
performance.
INTERFACING ANALOG
QUADRATURE MODULATORS
One of the main applications for the dual-channel DAC is
baseband I- and Q-channel transmission for digital commu-
nications. In this application, the DAC is followed by an
analog quadrature modulator, modulating an IF carrier with
the baseband data, as shown in Figure 7. Often, the input
stages of these quadrate modulators consist of npn-type
transistors that require a DC bias (base) voltage of > 0.8V.
The wide output compliance range (–10V to +1.25V) allows
for a direct DC–coupling between the DAC2902 and the
quadrature modulator.
FIGURE 6. Driving a Doubly Terminated 50
Ω Cable Directly.
FIGURE 7. Generic Interface to a Quadrature Modulator. Signal Conditioning (Level-Shifting) May Be Required to Ensure
Correct DC Common-Mode Levels At the Input of the Quadrature Modulator.
I
OUT
I
OUT
DAC2902
25
Ω
50
Ω
50
Ω
I
OUTFS = 20mA
V
OUT = 0V to +0.5V
I
OUT1
I
OUT1
I
OUT2
I
OUT2
DAC2902
Signal
Conditioning
I
IN
I
REF
Q
IN
Q
REF
∑
Quadrature Modulator
V
OUT ~ 0Vp to 1.20Vp
V
IN ~ 0.6Vp to 1.8Vp
RF
I
IN
I
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com