Electronic Components Datasheet Search
  English  ▼

X  

DAC2902 Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC2902
Description  Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC2902 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC2902 Datasheet HTML 3Page - Texas Instruments DAC2902 Datasheet HTML 4Page - Texas Instruments DAC2902 Datasheet HTML 5Page - Texas Instruments DAC2902 Datasheet HTML 6Page - Texas Instruments DAC2902 Datasheet HTML 7Page - Texas Instruments DAC2902 Datasheet HTML 8Page - Texas Instruments DAC2902 Datasheet HTML 9Page - Texas Instruments DAC2902 Datasheet HTML 10Page - Texas Instruments DAC2902 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DAC2902
7
SBAS167C
www.ti.com
SFDR vs f
OUT AT 125MHz
f
OUT (MHz)
85
80
75
70
65
60
55
50
20
10
30
40
50
60
0
–6dBFS
0dBFS
SFDR AT 125MSPS vs TEMPERATURE
Temperature (
°C)
90
85
80
75
70
65
60
55
50
0
–20
25
50
70
85
–40
2MHz
40MHz
10MHz
20MHz
SINAD vs f
CLK AND IOUT AT 5MHz
f
CLK (MSPS)
70
67.5
65
62.5
60
40
60
80
100
120
140
20
20mA
10mA
5mA
GAIN AND OFFSET DRIFT
Temperature (
°C)
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
0.004
0.003
0.002
0.001
0
–0.001
–0.002
–0.003
–0.004
0
–20
20
40
60
80
85
–40
Offset Error
Gain Error
SFDR vs I
OUTFS AND fOUT AT 78MSPS, 0dBFS
f
OUT (MHz)
80
78
76
74
72
70
68
66
64
62
60
10
515
20
25
0
I
OUTFS = 20mA
I
OUTFS = 10mA
I
OUTFS = 2mA
I
OUTFS = 5mA
I
VD vs RATIO AT +VD = +3.3V
Ratio (F
OUT/FCLK)
25
20
15
10
5
0
0.10
0.05
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.00
125MSPS
100MSPS
78MSPS
52MSPS
26MSPS
TYPICAL CHARACTERISTICS (continued)
TA = +25°C, +VD = +3.3V, +VA = +5V, differential transformer coupled, IOUT = 20mA, 50Ω double-terminated load, and SFDR up to Nyquist, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com