Electronic Components Datasheet Search
  English  ▼

X  

DAC2902 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC2902
Description  Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC2902 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC2902 Datasheet HTML 9Page - Texas Instruments DAC2902 Datasheet HTML 10Page - Texas Instruments DAC2902 Datasheet HTML 11Page - Texas Instruments DAC2902 Datasheet HTML 12Page - Texas Instruments DAC2902 Datasheet HTML 13Page - Texas Instruments DAC2902 Datasheet HTML 14Page - Texas Instruments DAC2902 Datasheet HTML 15Page - Texas Instruments DAC2902 Datasheet HTML 16Page - Texas Instruments DAC2902 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DAC2902
13
SBAS167C
www.ti.com
Figure 8 shows an example of a DC-coupled interface with
DC level-shifting, using a precision resistor network. An ac-
coupled interface, as shown in Figure 9, has the advantage
that the common-mode levels at the input of the modulator
can be set independently of those at the output of the DAC.
Furthermore, no voltage loss is obtained in this setup.
INTERNAL REFERENCE OPERATION
The DAC2902 has an on-chip reference circuit that consists
of a 1.25V bandgap reference and two control amplifiers,
one for each DAC. The full-scale output current, IOUTFS, of
the DAC2902 is determined by the reference voltage, VREF,
and the value of resistor RSET. IOUTFS can be calculated by:
IOUTFS = 32 × IREF = 32 × VREF / RSET
(10)
The external resistor RSET connects to the FSA pin (Full-
Scale Adjust), see Figure 10. The reference control amplifier
operates as a V-to-I converter producing a reference current,
IREF, which is determined by the ratio of VREF and RSET (as
shown in Equation 10). The full-scale output current, IOUTFS,
results from multiplying IREF by a fixed factor of 32.
I
OUT1
I
OUT1
DAC2902
I
OUT1
I
OUT1
V
OUT1
V
DC
R
3
R
4
R
5
V
OUT1
FIGURE 8. DC-Coupled Interface to Quadrature Modulator
Applying Level Shifting.
FIGURE 9. AC-Coupled Interface to Quadrature Modulator Applying Level Shifting.
I
OUT1
I
OUT1
DAC2902
I
OUT1
I
OUT1
V
OUT1
0.01
µF
0.01
µF
V
DC
R
1
R
2
V
OUT1
R
LOAD
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com