Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA828
Description  INA828 50-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA828 Datasheet HTML 12Page - Texas Instruments INA828 Datasheet HTML 13Page - Texas Instruments INA828 Datasheet HTML 14Page - Texas Instruments INA828 Datasheet HTML 15Page - Texas Instruments INA828 Datasheet HTML 16Page - Texas Instruments INA828 Datasheet HTML 17Page - Texas Instruments INA828 Datasheet HTML 18Page - Texas Instruments INA828 Datasheet HTML 19Page - Texas Instruments INA828 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
R1
25 k
RB
VB
+VS
-VS
+VS
-VS
+VS
-VS
+VS
-VS
+VS
-VS
Super-
NPN
Super-
NPN
RG
(External)
+VS
-VS
Overvoltage
Protection
Overvoltage
Protection
RB
-IN
+IN
REF
OUT
Q1
Q2
A1
A2
A3
+VS
IB Cancellation
IB Cancellation
R2
25 k
40 k
40 k
40 k
40 k
Copyright © 2017, Texas Instruments Incorporated
RG
RG
16
INA828
SBOS792A – AUGUST 2017 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: INA828
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The INA828 is a monolithic precision instrumentation amplifier incorporating a current-feedback input stage and a
4-resistor difference amplifier output stage. The differential input voltage is buffered by Q1 and Q2 and is forced
across RG, which causes a signal current to flow through RG, R1, and R2. The output difference amplifier, A3,
removes the common-mode component of the input signal and refers the output signal to the REF terminal. The
VBE and voltage drop across R1 and R2 produce output voltages on A1 and A2 that are approximately 0.8 V lower
than the input voltages.
Each input is protected by two field-effect transistors (FETs) that provide a low series resistance under normal
signal conditions, and preserve excellent noise performance. When excessive voltage is applied, these
transistors limit input current to approximately 8 mA.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com