Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 29 Page - Texas Instruments

Part # INA828
Description  INA828 50-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA828 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA828 Datasheet HTML 25Page - Texas Instruments INA828 Datasheet HTML 26Page - Texas Instruments INA828 Datasheet HTML 27Page - Texas Instruments INA828 Datasheet HTML 28Page - Texas Instruments INA828 Datasheet HTML 29Page - Texas Instruments INA828 Datasheet HTML 30Page - Texas Instruments INA828 Datasheet HTML 31Page - Texas Instruments INA828 Datasheet HTML 32Page - Texas Instruments INA828 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29
INA828
www.ti.com
SBOS792A – AUGUST 2017 – REVISED JANUARY 2018
Product Folder Links: INA828
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
9 Power Supply Recommendations
The nominal performance of the INA828 is specified with a supply voltage of ±15 V and mid-supply reference
voltage. The device can also be operated using power supplies from ±1.5 V (3 V) to ±18 V (36 V) and non mid-
supply reference voltages with excellent performance. Parameters that can vary significantly with operating
voltage and reference voltage are illustrated in the Typical Characteristics section.
10 Layout
10.1 Layout Guidelines
Attention to good layout practices is always recommended. For best operational performance of the device, use
good PCB layout practices, including:
•
Care must be taken to assure that both input paths are well-matched for source impedance and capacitance
to avoid converting common-mode signals into differential signals. In addition, parasitic capacitance at the
gain-setting pins can also affect CMRR over frequency. For example, in applications that implement gain
switching using switches or PhotoMOS® relays to change the value of RG, select the component so that the
switch capacitance is as small as possible.
•
Noise can propagate into analog circuitry through the power pins of the circuit as a whole and of the device
itself. Bypass capacitors are used to reduce the coupled noise by providing low-impedance power sources
local to the analog circuitry.
–
Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
•
To reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible. If
these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better than in
parallel with the noisy trace.
•
Place the external components as close to the device as possible. As illustrated in Figure 74, keeping RG
close to the pins minimizes parasitic capacitance.
•
Keep the traces as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com